Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 63Page - ATMEL Corporation ATMEGA649 Datasheet HTML 64Page - ATMEL Corporation ATMEGA649 Datasheet HTML 65Page - ATMEL Corporation ATMEGA649 Datasheet HTML 66Page - ATMEL Corporation ATMEGA649 Datasheet HTML 67Page - ATMEL Corporation ATMEGA649 Datasheet HTML 68Page - ATMEL Corporation ATMEGA649 Datasheet HTML 69Page - ATMEL Corporation ATMEGA649 Datasheet HTML 70Page - ATMEL Corporation ATMEGA649 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 375 page
background image
67
ATmega329/3210/649/6410
2552H–AVR–11/06
MCUCR – MCU Control
Register
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn
and PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01).
See “Configuring the Pin” on page 60 for more details about this feature.
Alternate Functions of Port A
The Port A has an alternate function as COM0:3 and SEG0:3 for the LCD Controller.
Table 28 and Table 29 relates the alternate functions of Port A to the overriding signals
shown in Figure 27 on page 65.
Bit
7
6
5
4
3
2
1
0
0x35 (0x55)
JTD
–
–PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 27. Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
SEG (LCD Front Plane 3)
PA6
SEG (LCD Front Plane 2)
PA5
SEG (LCD Front Plane 1)
PA4
SEG (LCD Front Plane 0)
PA3
COM (LCD Back Plane 3)
PA2
COM (LCD Back Plane 2)
PA1
COM (LCD Back Plane 1)
PA0
COM (LCD Back Plane 0)
Table 28. Overriding Signals for Alternate Functions in PA7..PA4
Signal
Name
PA7/SEG3
PA6/SEG2
PA5/SEG1
PA4/SEG0
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
000
0
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0
0
0
0
PVOE
000
0
PVOV
000
0
PTOE
–––
–
DIEOE
LCDEN
LCDEN
LCDEN
LCDEN
DIEOV
000
0
DI
–––
–
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com