Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 52Page - ATMEL Corporation ATMEGA649 Datasheet HTML 53Page - ATMEL Corporation ATMEGA649 Datasheet HTML 54Page - ATMEL Corporation ATMEGA649 Datasheet HTML 55Page - ATMEL Corporation ATMEGA649 Datasheet HTML 56Page - ATMEL Corporation ATMEGA649 Datasheet HTML 57Page - ATMEL Corporation ATMEGA649 Datasheet HTML 58Page - ATMEL Corporation ATMEGA649 Datasheet HTML 59Page - ATMEL Corporation ATMEGA649 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 375 page
background image
56
ATmega329/3290/649/6490
2552H–AVR–11/06
External Interrupt Mask
Register – EIMSK
• Bit 7 – PCIE3: Pin Change Interrupt Enable 3
When the PCIE3 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
pin change interrupt 3 is enabled. Any change on any enabled PCINT30..24 pin will
cause an interrupt. The corresponding interrupt of Pin Change Interrupt Request is exe-
cuted from the PCINT3 Interrupt Vector. PCINT30..24 pins are enabled individually by
the PCMSK3 Register.
This bit is reserved bit in ATmega329/649 and should always be written to zero.
• Bit 6 – PCIE2: Pin Change Interrupt Enable 2
When the PCIE2 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
pin change interrupt 2 is enabled. Any change on any enabled PCINT23..16 pin will
cause an interrupt. The corresponding interrupt of Pin Change Interrupt Request is exe-
cuted from the PCINT2 Interrupt Vector. PCINT23..16 pins are enabled individually by
the PCMSK2 Register.
This bit is reserved bit in ATmega329/649 and should always be written to zero.
• Bit 5 – PCIE1: Pin Change Interrupt Enable 1
When the PCIE1 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
pin change interrupt 1 is enabled. Any change on any enabled PCINT15..8 pin will
cause an interrupt. The corresponding interrupt of Pin Change Interrupt Request is exe-
cuted from the PCINT1 Interrupt Vector. PCINT15..8 pins are enabled individually by the
PCMSK1 Register.
• Bit 4 – PCIE0: Pin Change Interrupt Enable 0
When the PCIE0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
pin change interrupt 0 is enabled. Any change on any enabled PCINT7..0 pin will cause
an interrupt. The corresponding interrupt of Pin Change Interrupt Request is executed
from the PCINT0 Interrupt Vector. PCINT7..0 pins are enabled individually by the
PCMSK0 Register.
• Bit 0 – INT0: External Interrupt Request 0 Enable
When the INT0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
the external pin interrupt is enabled. The Interrupt Sense Control0 bits 1/0 (ISC01 and
ISC00) in the External Interrupt Control Register A (EICRA) define whether the external
interrupt is activated on rising and/or falling edge of the INT0 pin or level sensed. Activity
on the pin will cause an interrupt request even if INT0 is configured as an output. The
corresponding interrupt of External Interrupt Request 0 is executed from the INT0 Inter-
rupt Vector.
Bit
7
654
32
10
PCIE3
PCIE2
PCIE1
PCIE0
–
–
–INT0
EIMSK
Read/Write
R/W
R/W
R/W
R/W
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com