Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 53Page - ATMEL Corporation ATMEGA649 Datasheet HTML 54Page - ATMEL Corporation ATMEGA649 Datasheet HTML 55Page - ATMEL Corporation ATMEGA649 Datasheet HTML 56Page - ATMEL Corporation ATMEGA649 Datasheet HTML 57Page - ATMEL Corporation ATMEGA649 Datasheet HTML 58Page - ATMEL Corporation ATMEGA649 Datasheet HTML 59Page - ATMEL Corporation ATMEGA649 Datasheet HTML 60Page - ATMEL Corporation ATMEGA649 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 375 page
background image
57
ATmega329/3290/649/6490
2552H–AVR–11/06
EIFR – External Interrupt Flag
Register
• Bit 7 – PCIF3: Pin Change Interrupt Flag 3
When a logic change on any PCINT30..24 pin triggers an interrupt request, PCIF3
becomes set (one). If the I-bit in SREG and the PCIE3 bit in EIMSK are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
This bit is reserved bit in ATmega329/649 and will always be read as zero.
• Bit 6 – PCIF2: Pin Change Interrupt Flag 2
When a logic change on any PCINT24..16 pin triggers an interrupt request, PCIF2
becomes set (one). If the I-bit in SREG and the PCIE2 bit in EIMSK are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
This bit is reserved bit in ATmega329/649 and will always be read as zero.
• Bit 5 – PCIF1: Pin Change Interrupt Flag 1
When a logic change on any PCINT15..8 pin triggers an interrupt request, PCIF1
becomes set (one). If the I-bit in SREG and the PCIE1 bit in EIMSK are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
• Bit 4 – PCIF0: Pin Change Interrupt Flag 0
When a logic change on any PCINT7..0 pin triggers an interrupt request, PCIF0
becomes set (one). If the I-bit in SREG and the PCIE0 bit in EIMSK are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
• Bit 0 – INTF0: External Interrupt Flag 0
When an edge or logic change on the INT0 pin triggers an interrupt request, INTF0
becomes set (one). If the I-bit in SREG and the INT0 bit in EIMSK are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it. This flag is always cleared when INT0 is configured as a level interrupt.
PCMSK3 – Pin Change Mask
Register 3
(1)
• Bit 6:0 – PCINT30..24: Pin Change Enable Mask 30..24
Each PCINT30..24-bit selects whether pin change interrupt is enabled on the corre-
sponding I/O pin. If PCINT30..24 is set and the PCIE3 bit in EIMSK is set, pin change
interrupt is enabled on the corresponding I/O pin. If PCINT30..24 is cleared, pin change
interrupt on the corresponding I/O pin is disabled.
Bit
7
654
32
10
0x1C (0x3C)
PCIF3
PCIF2
PCIF1
PCIF0
–
–
–
INTF0
EIFR
Read/Write
R/W
R/W
R/W
R/W
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
321
0
(0x73)
–
PCINT30
PCINT29
PCINT28
PCINT27
PCINT26
PCINT25
PCINT24
PCMSK3
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com