Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 64Page - ATMEL Corporation ATMEGA649 Datasheet HTML 65Page - ATMEL Corporation ATMEGA649 Datasheet HTML 66Page - ATMEL Corporation ATMEGA649 Datasheet HTML 67Page - ATMEL Corporation ATMEGA649 Datasheet HTML 68Page - ATMEL Corporation ATMEGA649 Datasheet HTML 69Page - ATMEL Corporation ATMEGA649 Datasheet HTML 70Page - ATMEL Corporation ATMEGA649 Datasheet HTML 71Page - ATMEL Corporation ATMEGA649 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 375 page
background image
68
ATmega329/3210/649/6410
2552H–AVR–11/06
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 30.
The alternate pin configuration is as follows:
• OC2A/PCINT15, Bit 7
OC2, Output Compare Match A output: The PB7 pin can serve as an external output for
the Timer/Counter2 Output Compare A. The pin has to be configured as an output
(DDB7 set (one)) to serve this function. The OC2A pin is also the output pin for the PWM
mode timer function.
Table 29. Overriding Signals for Alternate Functions in PA3..PA0
Signal
Name
PA3/COM3
PA2/COM2
PA1/COM1
PA0/COM0
PUOE
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN
PUOV
000
0
DDOE
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN
DDOV
0
0
0
0
PVOE
000
0
PVOV
000
0
PTOE
–––
–
DIEOE
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN
DIEOV
000
0
DI
–––
–
AIO
COM3COM2COM1
COM0
Table 30. Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC2A/PCINT15 (Output Compare and PWM Output A for Timer/Counter2 or
Pin Change Interrupt15).
PB6
OC1B/PCINT14 (Output Compare and PWM Output B for Timer/Counter1 or
Pin Change Interrupt14).
PB5
OC1A/PCINT13 (Output Compare and PWM Output A for Timer/Counter1 or
Pin Change Interrupt13).
PB4
OC0A/PCINT12 (Output Compare and PWM Output A for Timer/Counter0 or
Pin Change Interrupt12).
PB3
MISO/PCINT11 (SPI Bus Master Input/Slave Output or Pin Change
Interrupt11).
PB2
MOSI/PCINT10 (SPI Bus Master Output/Slave Input or Pin Change
Interrupt10).
PB1
SCK/PCINT9 (SPI Bus Serial Clock or Pin Change Interrupt9).
PB0
SS/PCINT8 (SPI Slave Select input or Pin Change Interrupt8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com