Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 75Page - ATMEL Corporation ATMEGA649 Datasheet HTML 76Page - ATMEL Corporation ATMEGA649 Datasheet HTML 77Page - ATMEL Corporation ATMEGA649 Datasheet HTML 78Page - ATMEL Corporation ATMEGA649 Datasheet HTML 79Page - ATMEL Corporation ATMEGA649 Datasheet HTML 80Page - ATMEL Corporation ATMEGA649 Datasheet HTML 81Page - ATMEL Corporation ATMEGA649 Datasheet HTML 82Page - ATMEL Corporation ATMEGA649 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 375 page
background image
79
ATmega329/3210/649/6410
2552H–AVR–11/06
Alternate Functions of Port G
The alternate pin configuration is as follows:
Note:
1. Port G, PG5 is input only. Pull-up is always on.
See Table 125 on page 282 for RSTDISBL fuse.
The alternate pin configuration is as follows:
• RESET – Port G, Bit 5
RESET: External Reset input. When the RSTDISBL Fuse is programmed (‘0’), PG5 will
function as input with pull-up always on.
• T0/SEG – Port G, Bit 4
T0, Timer/Counter0 Counter Source.
SEG, LCD front plane 32/23.
• T1/SEG24 – Port G, Bit 3
T1, Timer/Counter1 Counter Source.
SEG, LCD front plane 33/24.
• SEG – Port G, Bit 2
SEG, LCD front plane 4/4.
Table 44. Overriding Signals for Alternate Functions in PF3:PF0
Signal
Name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
000
0
PVOV
000
0
PTOE
–––
–
DIEOE
000
0
DIEOV
000
0
DI
–––
–
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 45. Port G Pins Alternate Functions (SEG refers to 100-pin/64-pin pinout)
Port Pin
Alternate Function
PG5
RESET(1)
PG4
T0/SEG (Timer/Counter0 Clock Input or LCD Front Plane 32/23)
PG3
T1/SEG (Timer/Counter1 Clock Input or LCD Front Plane 33/24)
PG2
SEG (LCD Front Plane 4/4)
PG1
SEG (LCD Front Plane 17/13)
PG0
SEG (LCD Front Plane 18/14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com