Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 88Page - ATMEL Corporation ATMEGA649 Datasheet HTML 89Page - ATMEL Corporation ATMEGA649 Datasheet HTML 90Page - ATMEL Corporation ATMEGA649 Datasheet HTML 91Page - ATMEL Corporation ATMEGA649 Datasheet HTML 92Page - ATMEL Corporation ATMEGA649 Datasheet HTML 93Page - ATMEL Corporation ATMEGA649 Datasheet HTML 94Page - ATMEL Corporation ATMEGA649 Datasheet HTML 95Page - ATMEL Corporation ATMEGA649 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 375 page
background image
92
ATmega329/3290/649/6490
2552H–AVR–11/06
The OCR0A Register is double buffered when using any of the Pulse Width Modulation
(PWM) modes. For the normal and Clear Timer on Compare (CTC) modes of operation,
the double buffering is disabled. The double buffering synchronizes the update of the
OCR0 Compare Register to either top or bottom of the counting sequence. The synchro-
nization prevents the occurrence of odd-length, non-symmetrical PWM pulses, thereby
making the output glitch-free.
The OCR0A Register access may seem complex, but this is not case. When the double
buffering is enabled, the CPU has access to the OCR0A Buffer Register, and if double
buffering is disabled the CPU will access the OCR0A directly.
Force Output Compare
In non-PWM waveform generation modes, the match output of the comparator can be
forced by writing a one to the Force Output Compare (FOC0A) bit. Forcing compare
match will not set the OCF0A Flag or reload/clear the timer, but the OC0A pin will be
updated as if a real compare match had occurred (the COM0A1:0 bits settings define
whether the OC0A pin is set, cleared or toggled).
Compare Match Blocking by
TCNT0 Write
All CPU write operations to the TCNT0 Register will block any compare match that
occur in the next timer clock cycle, even when the timer is stopped. This feature allows
OCR0A to be initialized to the same value as TCNT0 without triggering an interrupt
when the Timer/Counter clock is enabled.
Using the Output Compare
Unit
Since writing TCNT0 in any mode of operation will block all compare matches for one
timer clock cycle, there are risks involved when changing TCNT0 when using the Output
Compare unit, independently of whether the Timer/Counter is running or not. If the value
written to TCNT0 equals the OCR0A value, the compare match will be missed, resulting
in incorrect waveform generation. Similarly, do not write the TCNT0 value equal to BOT-
TOM when the counter is counting down.
The setup of the OC0A should be performed before setting the Data Direction Register
for the port pin to output. The easiest way of setting the OC0A value is to use the Force
Output Compare (FOC0A) strobe bits in Normal mode. The OC0A Register keeps its
value even when changing between Waveform Generation modes.
Be aware that the COM0A1:0 bits are not double buffered together with the compare
value. Changing the COM0A1:0 bits will take effect immediately.
Compare Match Output
Unit
The Compare Output mode (COM0A1:0) bits have two functions. The Waveform Gener-
ator uses the COM0A1:0 bits for defining the Output Compare (OC0A) state at the next
compare match. Also, the COM0A1:0 bits control the OC0A pin output source. Figure 31
shows a simplified schematic of the logic affected by the COM0A1:0 bit setting. The I/O
Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the
general I/O port control registers (DDR and PORT) that are affected by the COM0A1:0
bits are shown. When referring to the OC0A state, the reference is for the internal OC0A
Register, not the OC0A pin. If a System Reset occur, the OC0A Register is reset to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com