Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 13Page - ATMEL Corporation ATMEGA649 Datasheet HTML 14Page - ATMEL Corporation ATMEGA649 Datasheet HTML 15Page - ATMEL Corporation ATMEGA649 Datasheet HTML 16Page - ATMEL Corporation ATMEGA649 Datasheet HTML 17Page - ATMEL Corporation ATMEGA649 Datasheet HTML 18Page - ATMEL Corporation ATMEGA649 Datasheet HTML 19Page - ATMEL Corporation ATMEGA649 Datasheet HTML 20Page - ATMEL Corporation ATMEGA649 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 375 page
background image
17
ATmega329/3290/649/6490
2552H–AVR–11/06
AVR ATmega329/3290/649/6490 Memories
This section describes the different memories in the ATmega329/3290/649/6490. The
AVR architecture has two main memory spaces, the Data Memory and the Program
Memory space. In addition, the ATmega329/3290/649/6490 features an EEPROM
Memory for data storage. All three memory spaces are linear.
In-System
Reprogrammable Flash
Program Memory
The ATmega329/3290/649/6490 contains 32/64K bytes On-chip In-System Reprogram-
mable Flash memory for program storage. Since all AVR instructions are 16 or 32 bits
wide, the Flash is organized as 16/32K x 16. For software security, the Flash Program
memory space is divided into two sections, Boot Program section and Application Pro-
gram section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega329/3290/649/6490 Program Counter (PC) is 14/15 bits wide, thus addressing
the 16/32K program memory locations. The operation of Boot Program section and
associated Boot Lock bits for software protection are described in detail in “Boot Loader
Support – Read-While-Write Self-Programming” on page 268. “Memory Programming”
on page 281 contains a detailed description on Flash data serial downloading using the
SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see
the LPM – Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execu-
tion Timing” on page 14.
Figure 9. Program Memory Map
0x0000
0x3FFF/0x7FFF
Program Memory
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com