Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 71Page - ATMEL Corporation ATMEGA649 Datasheet HTML 72Page - ATMEL Corporation ATMEGA649 Datasheet HTML 73Page - ATMEL Corporation ATMEGA649 Datasheet HTML 74Page - ATMEL Corporation ATMEGA649 Datasheet HTML 75Page - ATMEL Corporation ATMEGA649 Datasheet HTML 76Page - ATMEL Corporation ATMEGA649 Datasheet HTML 77Page - ATMEL Corporation ATMEGA649 Datasheet HTML 78Page - ATMEL Corporation ATMEGA649 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 375 page
background image
75
ATmega329/3210/649/6410
2552H–AVR–11/06
Alternate Functions of Port E
The Port E pins with alternate functions are shown in Table 39.
• PCINT7 – Port E, Bit 7
PCINT7, Pin Change Interrupt Source 7: The PE7 pin can serve as an external interrupt
source.
CLKO, Divided System Clock: The divided system clock can be output on the PE7 pin.
The divided system clock will be output if the CKOUT Fuse is programmed, regardless
of the PORTE7 and DDE7 settings. It will also be output during reset.
• DO/PCINT6 – Port E, Bit 6
DO, Universal Serial Interface Data output.
PCINT6, Pin Change Interrupt Source 6: The PE6 pin can serve as an external interrupt
source.
• DI/SDA/PCINT5 – Port E, Bit 5
DI, Universal Serial Interface Data input.
SDA, Two-wire Serial Interface Data:
PCINT5, Pin Change Interrupt Source 5: The PE5 pin can serve as an external interrupt
source.
• USCK/SCL/PCINT4 – Port E, Bit 4
USCK, Universal Serial Interface Clock.
SCL, Two-wire Serial Interface Clock.
PCINT4, Pin Change Interrupt Source 4: The PE4 pin can serve as an external interrupt
source.
• AIN1/PCINT3 – Port E, Bit 3
AIN1 – Analog Comparator Negative input. This pin is directly connected to the negative
input of the Analog Comparator.
PCINT3, Pin Change Interrupt Source 3: The PE3 pin can serve as an external interrupt
source.
Table 39. Port E Pins Alternate Functions
Port Pin
Alternate Function
PE7
PCINT7 (Pin Change Interrupt7)
CLKO (Divided System Clock)
PE6
DO/PCINT6 (USI Data Output or Pin Change Interrupt6)
PE5
DI/SDA/PCINT5 (USI Data Input or TWI Serial DAta or Pin Change Interrupt5)
PE4
USCK/SCL/PCINT4 (USART0 External Clock Input/Output or TWI Serial Clock
or Pin Change Interrupt4)
PE3
AIN1/PCINT3 (Analog Comparator Negative Input or Pin Change Interrupt3)
PE2
XCK/AIN0/ PCINT2 (USART0 External Clock or Analog Comparator Positive
Input or Pin Change Interrupt2)
PE1
TXD/PCINT1 (USART0 Transmit Pin or Pin Change Interrupt1)
PE0
RXD/PCINT0 (USART0 Receive Pin or Pin Change Interrupt0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com