Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 116 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 112Page - ATMEL Corporation ATMEGA649 Datasheet HTML 113Page - ATMEL Corporation ATMEGA649 Datasheet HTML 114Page - ATMEL Corporation ATMEGA649 Datasheet HTML 115Page - ATMEL Corporation ATMEGA649 Datasheet HTML 116Page - ATMEL Corporation ATMEGA649 Datasheet HTML 117Page - ATMEL Corporation ATMEGA649 Datasheet HTML 118Page - ATMEL Corporation ATMEGA649 Datasheet HTML 119Page - ATMEL Corporation ATMEGA649 Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 375 page
background image
116
ATmega329/3290/649/6490
2552H–AVR–11/06
Compare Match Output
Unit
The Compare Output mode (COM1x1:0) bits have two functions. The Waveform Gener-
ator uses the COM1x1:0 bits for defining the Output Compare (OC1x) state at the next
compare match. Secondly the COM1x1:0 bits control the OC1x pin output source. Fig-
ure 45 shows a simplified schematic of the logic affected by the COM1x1:0 bit setting.
The I/O Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of
the general I/O Port Control Registers (DDR and PORT) that are affected by the
COM1x1:0 bits are shown. When referring to the OC1x state, the reference is for the
internal OC1x Register, not the OC1x pin. If a system reset occur, the OC1x Register is
reset to “0”.
Figure 45. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC1x) from the
Waveform Generator if either of the COM1x1:0 bits are set. However, the OC1x pin
direction (input or output) is still controlled by the Data Direction Register (DDR) for the
port pin. The Data Direction Register bit for the OC1x pin (DDR_OC1x) must be set as
output before the OC1x value is visible on the pin. The port override function is generally
independent of the Waveform Generation mode, but there are some exceptions. Refer
to Table 61, Table 62 and Table 63 for details.
The design of the Output Compare pin logic allows initialization of the OC1x state before
the output is enabled. Note that some COM1x1:0 bit settings are reserved for certain
modes of operation. See “16-bit Timer/Counter Register Description” on page 126.
The COM1x1:0 bits have no effect on the Input Capture unit.
PORT
DDR
DQ
DQ
OCnx
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCnx
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com