Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 187 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 183Page - ATMEL Corporation ATMEGA649 Datasheet HTML 184Page - ATMEL Corporation ATMEGA649 Datasheet HTML 185Page - ATMEL Corporation ATMEGA649 Datasheet HTML 186Page - ATMEL Corporation ATMEGA649 Datasheet HTML 187Page - ATMEL Corporation ATMEGA649 Datasheet HTML 188Page - ATMEL Corporation ATMEGA649 Datasheet HTML 189Page - ATMEL Corporation ATMEGA649 Datasheet HTML 190Page - ATMEL Corporation ATMEGA649 Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 375 page
background image
187
ATmega329/3290/649/6490
2552H–AVR–11/06
USI – Universal Serial
Interface
The Universal Serial Interface, or USI, provides the basic hardware resources needed
for serial communication. Combined with a minimum of control software, the USI allows
significantly higher transfer rates and uses less code space than solutions based on
software only. Interrupts are included to minimize the processor load. The main features
of the USI are:
• Two-wire Synchronous Data Transfer (Master or Slave)
• Three-wire Synchronous Data Transfer (Master or Slave)
• Data Received Interrupt
• Wake up from Idle Mode
• In Two-wire Mode: Wake-up from All Sleep Modes, Including Power-down Mode
• Two-wire Start Condition Detector with Interrupt Capability
Overview
A simplified block diagram of the USI is shown on Figure 77. For the actual placement of
I/O pins, refer to “Pinout ATmega3290/6490” on page 2 and “Pinout ATmega329/649”
on page 3. CPU accessible I/O Registers, including I/O bits and I/O pins, are shown in
bold. The device-specific I/O Register and bit locations are listed in the “USI Register
Descriptions” on page 195.
Figure 77. Universal Serial Interface, Block Diagram
The 8-bit Shift Register is directly accessible via the data bus and contains the incoming
and outgoing data. The register has no buffering so the data must be read as quickly as
possible to ensure that no data is lost. The most significant bit is connected to one of two
output pins depending of the wire mode configuration. A transparent latch is inserted
between the Serial Register Output and output pin, which delays the change of data out-
put to the opposite clock edge of the data input sampling. The serial input is always
sampled from the Data Input (DI) pin independent of the configuration.
The 4-bit counter can be both read and written via the data bus, and can generate an
overflow interrupt. Both the Serial Register and the counter are clocked simultaneously
by the same clock source. This allows the counter to count the number of bits received
or transmitted and generate an interrupt when the transfer is complete. Note that when
an external clock source is selected the counter counts both clock edges. In this case
the counter counts the number of edges, and not the number of bits. The clock can be
Two-wire Clock
Control Unit
DO
(Output only)
DI/SDA
(Input/Open Drain)
USCK/SCL
(Input/Open Drain)
4-bit Counter
USIDR
USISR
DQ
LE
USICR
CLOCK
HOLD
TIM0 COMP
[1]
3
0
1
2
3
0
1
2
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com