Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 203 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 203 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 199Page - ATMEL Corporation ATMEGA649 Datasheet HTML 200Page - ATMEL Corporation ATMEGA649 Datasheet HTML 201Page - ATMEL Corporation ATMEGA649 Datasheet HTML 202Page - ATMEL Corporation ATMEGA649 Datasheet HTML 203Page - ATMEL Corporation ATMEGA649 Datasheet HTML 204Page - ATMEL Corporation ATMEGA649 Datasheet HTML 205Page - ATMEL Corporation ATMEGA649 Datasheet HTML 206Page - ATMEL Corporation ATMEGA649 Datasheet HTML 207Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 375 page
background image
203
ATmega329/3290/649/6490
2552H–AVR–11/06
Analog to Digital
Converter
Features
• 10-bit Resolution
• 0.5 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 13 µs - 260 µs Conversion Time (50 kHz to 1 MHz ADC clock)
• Up to 76.9 kSPS at Maximum Resolution (200 kHz ADC clock)
• Eight Multiplexed Single Ended Input Channels
• Optional Left Adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• Selectable 1.1V ADC Reference Voltage
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
The ATmega329/3290/649/6490 features a 10-bit successive approximation ADC. The
ADC is connected to an 8-channel Analog Multiplexer which allows eight single-ended
voltage inputs constructed from the pins of Port F. The single-ended voltage inputs refer
to 0V (GND).
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the
ADC is held at a constant level during conversion. A block diagram of the ADC is shown
in Figure 84.
The ADC has a separate analog supply voltage pin, AVCC. AV
CC must not differ more
than ± 0.3V from V
CC. See the paragraph “ADC Noise Canceler” on page 209 on how to
connect this pin.
Internal reference voltages of nominally 1.1V or AVCC are provided On-chip. The volt-
age reference may be externally decoupled at the AREF pin by a capacitor for better
noise performance.
The PRADC, in “Power Reduction Register - PRR” on page 35 must be written to zero
to enable the ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com