Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 213 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 209Page - ATMEL Corporation ATMEGA649 Datasheet HTML 210Page - ATMEL Corporation ATMEGA649 Datasheet HTML 211Page - ATMEL Corporation ATMEGA649 Datasheet HTML 212Page - ATMEL Corporation ATMEGA649 Datasheet HTML 213Page - ATMEL Corporation ATMEGA649 Datasheet HTML 214Page - ATMEL Corporation ATMEGA649 Datasheet HTML 215Page - ATMEL Corporation ATMEGA649 Datasheet HTML 216Page - ATMEL Corporation ATMEGA649 Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 375 page
background image
213
ATmega329/3290/649/6490
2552H–AVR–11/06
•
Differential Non-linearity (DNL): The maximum deviation of the actual code width
(the interval between two adjacent transitions) from the ideal code width (1 LSB).
Ideal value: 0 LSB.
Figure 96. Differential Non-linearity (DNL)
•
Quantization Error: Due to the quantization of the input voltage into a finite number
of codes, a range of input voltages (1 LSB wide) will code to the same value. Always
± 0.5 LSB.
•
Absolute Accuracy: The maximum deviation of an actual (unadjusted) transition
compared to an ideal transition for any code. This is the compound effect of offset,
gain error, differential error, non-linearity, and quantization error. Ideal value: ± 0.5
LSB.
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in
the ADC Result Registers (ADCL, ADCH).
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage refer-
ence (see Table 95 on page 215 and Table 96 on page 216). 0x000 represents analog
ground, and 0x3FF represents the selected reference voltage minus one LSB.
Output Code
0x3FF
0x000
0
VREF Input Voltage
DNL
1 LSB
ADC
V
IN
1024
⋅
V
REF
--------------------------
=
ADC
V
POS
V
NEG
–
() 512
⋅
V
REF
-----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com