Electronic Components Datasheet Search
  English  ▼

X  

EFM32GG11 Datasheet(PDF) 47 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 47 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 43Page - Silicon Laboratories EFM32GG11 Datasheet HTML 44Page - Silicon Laboratories EFM32GG11 Datasheet HTML 45Page - Silicon Laboratories EFM32GG11 Datasheet HTML 46Page - Silicon Laboratories EFM32GG11 Datasheet HTML 47Page - Silicon Laboratories EFM32GG11 Datasheet HTML 48Page - Silicon Laboratories EFM32GG11 Datasheet HTML 49Page - Silicon Laboratories EFM32GG11 Datasheet HTML 50Page - Silicon Laboratories EFM32GG11 Datasheet HTML 51Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 261 page
background image
4.1.10.6 Universal High-Frequency RC Oscillator (USHFRCO)
Table 4.17. Universal High-Frequency RC Oscillator (USHFRCO)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Frequency accuracy
fUSHFRCO_ACC
At production calibrated frequen-
cies, across supply voltage and
temperature
-2.5
—
2.5
%
USB clock recovery enabled, Ac-
tive connection as device, FINE-
TUNINGEN1 = 1
-0.25
—
0.25
%
Start-up time
tUSHFRCO
—
300
—
ns
Current consumption on all
supplies
IUSHFRCO
fUSHFRCO = 48 MHz, FINETUNIN-
GEN1 = 1
—
340
400
µA
fUSHFRCO = 50 MHz, FINETUNIN-
GEN1 = 0
—
320
380
µA
fUSHFRCO = 48 MHz, FINETUNIN-
GEN1 = 0
—
300
370
µA
fUSHFRCO = 32 MHz, FINETUNIN-
GEN1 = 0
—
200
240
µA
fUSHFRCO = 16 MHz, FINETUNIN-
GEN1 = 0
—
120
160
µA
Period jitter
PJUSHFRCO
—
0.2
—
% RMS
Note:
1. In the CMU_USHFRCOCTRL register.
4.1.10.7 Ultra-low Frequency RC Oscillator (ULFRCO)
Table 4.18. Ultra-low Frequency RC Oscillator (ULFRCO)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Oscillation frequency
fULFRCO
0.88
1
1.12
kHz
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com