Electronic Components Datasheet Search
  English  ▼

X  

EFM32GG11 Datasheet(PDF) 52 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 48Page - Silicon Laboratories EFM32GG11 Datasheet HTML 49Page - Silicon Laboratories EFM32GG11 Datasheet HTML 50Page - Silicon Laboratories EFM32GG11 Datasheet HTML 51Page - Silicon Laboratories EFM32GG11 Datasheet HTML 52Page - Silicon Laboratories EFM32GG11 Datasheet HTML 53Page - Silicon Laboratories EFM32GG11 Datasheet HTML 54Page - Silicon Laboratories EFM32GG11 Datasheet HTML 55Page - Silicon Laboratories EFM32GG11 Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 261 page
background image
4.1.14 Analog to Digital Converter (ADC)
Specified at 1 Msps, ADCCLK = 16 MHz, BIASPROG = 0, GPBIASACC = 0, unless otherwise indicated.
Table 4.22. Analog to Digital Converter (ADC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Resolution
VRESOLUTION
6
—
12
Bits
Input voltage range5
VADCIN
Single ended
—
—
VFS
V
Differential
-VFS/2
—
VFS/2
V
Input range of external refer-
ence voltage, single ended
and differential
VADCREFIN_P
1
—
VAVDD
V
Power supply rejection2
PSRRADC
At DC
—
80
—
dB
Analog input common mode
rejection ratio
CMRRADC
At DC
—
80
—
dB
Current from all supplies, us-
ing internal reference buffer.
Continuous operation. WAR-
MUPMODE4 = KEEPADC-
WARM
IADC_CONTINU-
OUS_LP
1 Msps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 1 3
—
270
350
µA
250 ksps / 4 MHz ADCCLK, BIA-
SPROG = 6, GPBIASACC = 1 3
—
125
—
µA
62.5 ksps / 1 MHz ADCCLK, BIA-
SPROG = 15, GPBIASACC = 1 3
—
80
—
µA
Current from all supplies, us-
ing internal reference buffer.
Duty-cycled operation. WAR-
MUPMODE4 = NORMAL
IADC_NORMAL_LP 35 ksps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 1 3
—
45
—
µA
5 ksps / 16 MHz ADCCLK BIA-
SPROG = 0, GPBIASACC = 1 3
—
8
—
µA
Current from all supplies, us-
ing internal reference buffer.
Duty-cycled operation.
AWARMUPMODE4 = KEEP-
INSTANDBY or KEEPIN-
SLOWACC
IADC_STAND-
BY_LP
125 ksps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 1 3
—
105
—
µA
35 ksps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 1 3
—
70
—
µA
Current from all supplies, us-
ing internal reference buffer.
Continuous operation. WAR-
MUPMODE4 = KEEPADC-
WARM
IADC_CONTINU-
OUS_HP
1 Msps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 0 3
—
325
—
µA
250 ksps / 4 MHz ADCCLK, BIA-
SPROG = 6, GPBIASACC = 0 3
—
175
—
µA
62.5 ksps / 1 MHz ADCCLK, BIA-
SPROG = 15, GPBIASACC = 0 3
—
125
—
µA
Current from all supplies, us-
ing internal reference buffer.
Duty-cycled operation. WAR-
MUPMODE4 = NORMAL
IADC_NORMAL_HP 35 ksps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 0 3
—
85
—
µA
5 ksps / 16 MHz ADCCLK BIA-
SPROG = 0, GPBIASACC = 0 3
—
16
—
µA
Current from all supplies, us-
ing internal reference buffer.
Duty-cycled operation.
AWARMUPMODE4 = KEEP-
INSTANDBY or KEEPIN-
SLOWACC
IADC_STAND-
BY_HP
125 ksps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 0 3
—
160
—
µA
35 ksps / 16 MHz ADCCLK, BIA-
SPROG = 0, GPBIASACC = 0 3
—
125
—
µA
Current from HFPERCLK
IADC_CLK
HFPERCLK = 16 MHz
—
180
—
µA
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com