Electronic Components Datasheet Search
  English  ▼

X  

EFM32GG11 Datasheet(PDF) 62 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 62 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 58Page - Silicon Laboratories EFM32GG11 Datasheet HTML 59Page - Silicon Laboratories EFM32GG11 Datasheet HTML 60Page - Silicon Laboratories EFM32GG11 Datasheet HTML 61Page - Silicon Laboratories EFM32GG11 Datasheet HTML 62Page - Silicon Laboratories EFM32GG11 Datasheet HTML 63Page - Silicon Laboratories EFM32GG11 Datasheet HTML 64Page - Silicon Laboratories EFM32GG11 Datasheet HTML 65Page - Silicon Laboratories EFM32GG11 Datasheet HTML 66Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 261 page
background image
4.1.18 Capacitive Sense (CSEN)
Table 4.26. Capacitive Sense (CSEN)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Single conversion time (1x
accumulation)
tCNV
12-bit SAR Conversions
—
20.2
—
µs
16-bit SAR Conversions
—
26.4
—
µs
Delta Modulation Conversion (sin-
gle comparison)
—
1.55
—
µs
Maximum external capacitive
load
CEXTMAX
CS0CG=7 (Gain = 1x), including
routing parasitics
—
68
—
pF
CS0CG=0 (Gain = 10x), including
routing parasitics
—
680
—
pF
Maximum external series im-
pedance
REXTMAX
—
1
—
kΩ
Supply current, EM2 bonded
conversions, WARMUP-
MODE=NORMAL, WAR-
MUPCNT=0
ICSEN_BOND
12-bit SAR conversions, 20 ms
conversion rate, CS0CG=7 (Gain
= 1x), 10 channels bonded (total
capacitance of 330 pF)1
—
326
—
nA
Delta Modulation conversions, 20
ms conversion rate, CS0CG=7
(Gain = 1x), 10 channels bonded
(total capacitance of 330 pF)1
—
226
—
nA
12-bit SAR conversions, 200 ms
conversion rate, CS0CG=7 (Gain
= 1x), 10 channels bonded (total
capacitance of 330 pF)1
—
33
—
nA
Delta Modulation conversions,
200 ms conversion rate,
CS0CG=7 (Gain = 1x), 10 chan-
nels bonded (total capacitance of
330 pF)1
—
25
—
nA
Supply current, EM2 scan
conversions, WARMUP-
MODE=NORMAL, WAR-
MUPCNT=0
ICSEN_EM2
12-bit SAR conversions, 20 ms
scan rate, CS0CG=0 (Gain =
10x), 8 samples per scan1
—
690
—
nA
Delta Modulation conversions, 20
ms scan rate, 8 comparisons per
sample (DMCR = 1, DMR = 2),
CS0CG=0 (Gain = 10x), 8 sam-
ples per scan1
—
515
—
nA
12-bit SAR conversions, 200 ms
scan rate, CS0CG=0 (Gain =
10x), 8 samples per scan1
—
79
—
nA
Delta Modulation conversions,
200 ms scan rate, 8 comparisons
per sample (DMCR = 1, DMR =
2), CS0CG=0 (Gain = 10x), 8
samples per scan1
—
57
—
nA
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com