Electronic Components Datasheet Search
  English  ▼

X  

EFM32GG11 Datasheet(PDF) 87 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 87 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 83Page - Silicon Laboratories EFM32GG11 Datasheet HTML 84Page - Silicon Laboratories EFM32GG11 Datasheet HTML 85Page - Silicon Laboratories EFM32GG11 Datasheet HTML 86Page - Silicon Laboratories EFM32GG11 Datasheet HTML 87Page - Silicon Laboratories EFM32GG11 Datasheet HTML 88Page - Silicon Laboratories EFM32GG11 Datasheet HTML 89Page - Silicon Laboratories EFM32GG11 Datasheet HTML 90Page - Silicon Laboratories EFM32GG11 Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 261 page
background image
4.1.27 Serial Data I/O Host Controller (SDIO)
SDIO DS Mode Timing
Timing is specified at 3.0 V IOVDD with voltage scaling disabled. Slew rate for SD_CLK set to 6, all other GPIO set to 6, DRIVES-
TRENGTH = STRONG for all pins. SDIO_CTRL_TXDLYMUXSEL = 1. Loading between 5 and 10 pF on all pins or between 10 and 40
pF on all pins.
Table 4.46. SDIO DS Mode Timing (Location 0)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Clock frequency during data
transfer
FSD_CLK
Using HFRCO, AUXHFRCO, or
USHFRCO
—
—
23
MHz
Using HFXO
—
—
20.5
MHz
Clock low time
tWL
Using HFRCO, AUXHFRCO, or
USHFRCO
19.6
—
—
ns
Using HFXO
19.1
—
—
ns
Clock high time
tWH
Using HFRCO, AUXHFRCO, or
USHFRCO
19.6
—
—
ns
Using HFXO
19.1
—
—
ns
Clock rise time
tR
1.4
—
4.9
ns
Clock fall time
tF
1.2
—
4.0
ns
Input setup time, CMD,
DAT[0:3] valid to SD_CLK
tISU
7
—
—
ns
Input hold time, SD_CLK to
CMD, DAT[0:3] change
tIH
0
—
—
ns
Output delay time, SD_CLK
to CMD, DAT[0:3] valid
tODLY
—
—
18.6
ns
Output hold time, SD_CLK to
CMD, DAT[0:3] change
tOH
5
—
—
ns
Table 4.47. SDIO DS Mode Timing (Location 1)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Clock frequency during data
transfer
FSD_CLK
Using HFRCO, AUXHFRCO, or
USHFRCO
—
—
14
MHz
Using HFXO
—
—
13.5
MHz
Clock low time
tWL
Using HFRCO, AUXHFRCO, or
USHFRCO
32.3
—
—
ns
Using HFXO
29.2
—
—
ns
Clock high time
tWH
Using HFRCO, AUXHFRCO, or
USHFRCO
32.3
—
—
ns
Using HFXO
29.2
—
—
ns
Clock rise time
tR
1.4
—
4.9
ns
Clock fall time
tF
1.2
—
4.0
ns
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com