Electronic Components Datasheet Search
  English  ▼

X  

EFM32GG11 Datasheet(PDF) 82 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 82 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 78Page - Silicon Laboratories EFM32GG11 Datasheet HTML 79Page - Silicon Laboratories EFM32GG11 Datasheet HTML 80Page - Silicon Laboratories EFM32GG11 Datasheet HTML 81Page - Silicon Laboratories EFM32GG11 Datasheet HTML 82Page - Silicon Laboratories EFM32GG11 Datasheet HTML 83Page - Silicon Laboratories EFM32GG11 Datasheet HTML 84Page - Silicon Laboratories EFM32GG11 Datasheet HTML 85Page - Silicon Laboratories EFM32GG11 Datasheet HTML 86Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 261 page
background image
EBI Read Enable Timing Requirements
Timing applies to both EBI_REn and EBI_NANDREn for all addressing modes and both polarities. All numbers are based on route loca-
tions 0,1,2 only (with all EBI alternate functions using the same location at the same time). Timing is specified at 10% and 90% of
IOVDD, 25 pF external loading, and slew rate for all GPIO set to 6.
Table 4.40. EBI Read Enable Timing Requirements
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Setup time, from EBI_AD
valid to trailing EBI_REn
edge
tSU_REn
IOVDD ≥ 1.62 V
55
—
—
ns
IOVDD ≥ 3.0 V
36
—
—
ns
Hold time, from trailing
EBI_REn edge to EBI_AD in-
valid
tH_REn
IOVDD ≥ 1.62 V
-9
—
—
ns
EBI_A[N-1:0]
EBI_AD[15:0]
ADDR[N:1]
RDSETUP
(0, 1, 2, ...)
EBI_CSn
EBI_REn
RDSTRB
(1, 2, 3, ...)
RDHOLD
(0, 1, 2, ...)
tSU_REn
tH_REn
Z
Z
DATA[15:0]
Z
Figure 4.7. EBI Read Enable Timing Requirements
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com