Electronic Components Datasheet Search
  English  ▼

X  

EFM32GG11 Datasheet(PDF) 67 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 67 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 63Page - Silicon Laboratories EFM32GG11 Datasheet HTML 64Page - Silicon Laboratories EFM32GG11 Datasheet HTML 65Page - Silicon Laboratories EFM32GG11 Datasheet HTML 66Page - Silicon Laboratories EFM32GG11 Datasheet HTML 67Page - Silicon Laboratories EFM32GG11 Datasheet HTML 68Page - Silicon Laboratories EFM32GG11 Datasheet HTML 69Page - Silicon Laboratories EFM32GG11 Datasheet HTML 70Page - Silicon Laboratories EFM32GG11 Datasheet HTML 71Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 261 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note:
1. Specified configuration for 3X-Gain configuration is: INCBW = 1, HCMDIS = 1, RESINSEL = VSS, VINPUT = 0.5 V, VOUTPUT = 1.5
V. Nominal voltage gain is 3.
2. If the maximum CLOAD is exceeded, an isolation resistor is required for stability. See AN0038 for more information.
3. When INCBW is set to 1 the OPAMP bandwidth is increased. This is allowed only when the non-inverting close-loop gain is ≥ 3,
or the OPAMP may not be stable.
4. Current into the load resistor is excluded. When the OPAMP is connected with closed-loop gain > 1, there will be extra current to
drive the resistor feedback network. The internal resistor feedback network has total resistance of 143.5 kOhm, which will cause
another ~10 µA current when the OPAMP drives 1.5 V between output and ground.
5. Step between 0.2V and VOPA-0.2V, 10%-90% rising/falling range.
6. From enable to output settled. In sample-and-off mode, RC network after OPAMP will contribute extra delay. Settling error < 1mV.
7. In unit gain connection, UGF is the gain-bandwidth product of the OPAMP. In 3x Gain connection, UGF is the gain-bandwidth
product of the OPAMP and 1/3 attenuation of the feedback network.
8. Specified configuration for Unit gain buffer configuration is: INCBW = 0, HCMDIS = 0, RESINSEL = DISABLE. VINPUT = 0.5 V,
VOUTPUT = 0.5 V.
9. When HCMDIS=1 and input common mode transitions the region from VOPA-1.4V to VOPA-1V, input offset will change. PSRR
and CMRR specifications do not apply to this transition region.
4.1.20 LCD Driver
Table 4.28. LCD Driver
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Frame rate
fLCDFR
30
—
100
Hz
LCD supply range2
VLCDIN
1.8
—
3.8
V
LCD output voltage range
VLCD
Current source mode, No external
LCD capacitor
2.0
—
VLCDIN-0.4
V
Step-down mode with external
LCD capacitor
2.0
—
VLCDIN
V
Charge pump mode with external
LCD capacitor
2.0
—
1.9 *
VLCDIN
V
Contrast control step size
STEPCONTRAST Current source mode
—
64
—
mV
Charge pump or Step-down mode
—
43
—
mV
Contrast control step accura-
cy1
ACCCONTRAST
—
+/-4
—
%
Note:
1. Step size accuracy is measured relative to the typical step size, and typ value represents one standard deviation.
2. VLCDIN is selectable between the AVDD or DVDD supply pins, depending on EMU_PWRCTRL_ANASW.
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com