Electronic Components Datasheet Search
  English  ▼

X  

EFM32GG11 Datasheet(PDF) 77 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 77 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 73Page - Silicon Laboratories EFM32GG11 Datasheet HTML 74Page - Silicon Laboratories EFM32GG11 Datasheet HTML 75Page - Silicon Laboratories EFM32GG11 Datasheet HTML 76Page - Silicon Laboratories EFM32GG11 Datasheet HTML 77Page - Silicon Laboratories EFM32GG11 Datasheet HTML 78Page - Silicon Laboratories EFM32GG11 Datasheet HTML 79Page - Silicon Laboratories EFM32GG11 Datasheet HTML 80Page - Silicon Laboratories EFM32GG11 Datasheet HTML 81Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 261 page
background image
EBI Address Latch Enable Output Timing
Timing applies to multiplexed addressing modes D8A24ALE and D16A16ALE for both polarities. All numbers are based on route loca-
tions 0,1,2 only (with all EBI alternate functions using the same location at the same time). Timing is specified at 10% and 90% of
IOVDD, 25 pF external loading, and slew rate for all GPIO set to 6.
Table 4.37. EBI Address Latch Enable Output Timing
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output hold time, from trail-
ing EBI_ALE edge to
EBI_AD invalid1 2
tOH_ALEn
IOVDD ≥ 1.62 V
-22 +
(ADDR-
HOLD *
tHFCOR-
ECLK)
—
—
ns
IOVDD ≥ 3.0 V
-11 +
(ADDR-
HOLD *
tHFCOR-
ECLK)
—
—
ns
Output setup time, from
EBI_AD valid to leading
EBI_ALE edge
tOSU_ALEn
IOVDD ≥ 1.62 V
-12
—
—
ns
IOVDD ≥ 3.0 V
-9
—
—
ns
EBI_ALEn pulse width1
tWIDTH_ALEn
IOVDD ≥ 1.62 V
-4 +
((ADDR-
SETUP +
1) *
t{}HFCOR-
ECLK{})
—
—
ns
IOVDD ≥ 3.0 V
-3 +
((ADDR-
SETUP +
1) *
t{}HFCOR-
ECLK{})
—
—
ns
Note:
1. The figure shows the timing for the case that the half strobe length functionality is not used, i.e. HALFALE=0. The trailing edge of
EBI_ALEn can be moved to the left by setting HALFALE=1. This decreases the length of tWIDTH_ALEn and increases the length of
tOSU_ALEn by tHFCORECLK - 1/2 * tHFCLKNODIV.
2. The figure shows a write operation. For a multiplexed read operation the address hold time is controlled via the RDSETUP state
instead of via the ADDRHOLD state.
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com