Electronic Components Datasheet Search
  English  ▼

X  

AAT2513 Datasheet(PDF) 17 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 17 Page - Advanced Analogic Technologies

Back Button AAT2513 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 21Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
1.8V Output Capacitor
2.5V Output Capacitor
Input Capacitor
Input Ripple V
PP = 25mV.
I
O1 + IO2
RMS(MAX)
I
P = esr · I
RMS
2 = 5m
Ω · (0.6A)2 = 0.8mW
2
=
= 0.6Arms
C
IN =
=
= 10µF
1
⎛⎞
- ESR ·
4 · F
S
⎝⎠
V
PP
I
O1 + IO2
1
⎛⎞
- 5m
Ω · 4 · 1.7MHz
⎝⎠
25mV
1.2A
1
23
1
2.5V · (4.2V - 2.5V)
3.3µH · 1.7MHz · 4.2V
23
RMS(MAX)
I
L · F · V
IN(MAX)
=·
·
3 ·
ΔI
LOAD
V
DROOP · FS
3 · 0.3A
0.2V · 1.7MHz
C
OUT =
=
= 4.8µF
·
= 67mArms
·
(V
OUT) · (VIN(MAX) - VOUT)
=
P
esr = esr · IRMS
2 = 5m
Ω · (67mA)2 = 22µW
1
23
1
1.8V · (4.2V - 1.8V)
2.2µH · 1.7MHz · 4.2V
23
RMS(MAX)
I
L · F · V
IN(MAX)
=·
·
3 ·
ΔI
LOAD
V
DROOP · FS
3 · 0.3A
0.2V · 1.7MHz
C
OUT =
=
= 4.8µF
·
= 31mArms
·
(V
OUT) · (VIN(MAX) - VOUT)
=
P
esr = esr · IRMS
2 = 5m
Ω · (31mA)2 = 4.8µW
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com