Electronic Components Datasheet Search
  English  ▼

X  

AAT2513 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT2513 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
10
2513.2007.04.1.1
Functional Description
The AAT2513 is a peak current mode pulse width
modulated (PWM) converter with internal compen-
sation. Each channel has independent input,
enable, feedback, and ground pins with a 1.7MHz
clock. Both converters operate in either a fixed fre-
quency (PWM) mode or a more efficient light load
(LL) mode. A phase shift pin programs the convert-
ers to operate in phase or 180° out of phase. The
converter can also be synchronized to an external
clock during PWM operation.
The input voltage range is 2.7V to 5.5V. An exter-
nal resistive divider as shown in Figure 1 programs
the output voltage up to the input voltage. The con-
verter MOSFET power stage is sized for 600mA
load capability with up to 96% efficiency. Light load
efficiency is up to 90% at a 1mA load.
Soft Start / Enable
The AAT2513 soft start control prevents output volt-
age overshoot and limits inrush current when either
the input power or the enable input is applied.
When pulled low, the enable input forces the con-
verter into a low power non-switching state with a
bias current of less than 1µA.
Low Dropout Operation
For conditions where the input voltage drops to the
output voltage level, the converter duty cycle
increases to 100%. As the converter approaches
the 100% duty cycle, the minimum off time initially
forces the high side on time to exceed the 1.7MHz
clock cycle and reduce the effective switching fre-
quency. Once the input drops below the level
where the converter can regulate the output, the
high side P-channel MOSFET is enabled continu-
ously for 100% duty cycle. At 100% duty cycle the
output voltage tracks the input voltage minus the
I*R drop of the high side P-channel MOSFET.
Functional Block Diagram
EN1
LX1
DH
DL
PGND1
VIN1
FB1
EN2
LX2
DH
DL
PGND2
Comp.
Control
Logic
Control
Logic
VIN2
FB
AGND
Voltage
Reference
Voltage
Reference
Comp
Oscillator
PS
MODE/SYNC
VCC
Logic
Logic
Err.
Amp.
Err.
Amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com