Electronic Components Datasheet Search
  English  ▼

X  

AAT2513 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2513 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The AAT2513 is a high efficiency dual synchronous
step-down converter for applications where power
efficiency, thermal performance and solution size
are critical. Input voltage ranges from 2.7V to 5.5V,
making it ideal for systems powered by single-cell
lithium-ion/polymer batteries.
Each converter is capable of 600mA output current
and has its own enable pin. Efficiency of the con-
verters is optimized over full load range. Total no
load quiescent current is 60µA, allowing high effi-
ciency even under light load conditions.
The integrated power switches are controlled by
pulse width modulation (PWM) with a 1.7MHz typi-
cal switching frequency at full load, which minimizes
the size of external components. Fixed frequency,
low noise operation can be forced by a logic signal
on the MODE pin. Furthermore, an external clock
can be used to synchronize the switching frequency
of both converters.
A phase shift pin (PS) is available to operate the
two converters 180° out of phase at heavy load to
achieve low input ripple.
The AAT2513 is available in a Pb-free, thermally
enhanced 16-pin QFN33 package and is specified
for operation over the -40°C to +85°C temperature
range.
Features
•V
IN Range: 2.7V to 5.5V
•
Output Current:
— Channel 1: 600mA
— Channel 2: 600mA
•
96% Efficient Step-Down Converter
•
Low No Load Quiescent Current
— 60µA Total for Both Converters
•
Integrated Power Switches
•
100% Duty Cycle
•
1.7MHz Switching Frequency
•
Optional Fixed Frequency or External SYNC
•
Logic Selectable 180° Phase Shift Between
the Two Converters
•
Current Limit Protection
•
Automatic Soft-Start
•
Over-Temperature Protection
•
QFN33-16 Package
•
-40°C to +85°C Temperature Range
Applications
•
Cellular Phones / Smart Phones
•
Digital Cameras
•
Handheld Instruments
•
Micro Hard Disc Drives
•
Microprocessor / DSP Core / IO Power
•
PDAs and Handheld Computers
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
Typical Application
Input:
2.7V to 5.5V
VIN2
LX1
CIN
1μF
C2
4.7μF
AAT2513
2μH
L1
R1
R2
R3
R4
L2
LX2
FB1
FB2
VOUT2
2μH
C1
4.7μF
PGND1
AGND
VCC
EN1
EN2
MODE/SYNC
PS
PGND2
VIN1
VOUT1
2513.2007.04.1.1
1
SystemPower™


Similar Part No. - AAT2513

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
Dual 600mA Step-Down Converter with Synchronization
logo
Skyworks Solutions Inc.
AAT2513 SKYWORKS-AAT2513 Datasheet
1Mb / 21P
Dual 600mA Step-Down Converter with Synchronization
March 19, 2013
logo
Advanced Analogic Techn...
AAT2513IVN-AA-T1 ANALOGICTECH-AAT2513IVN-AA-T1 Datasheet
594Kb / 22P
Dual 600mA Step-Down Converter with Synchronization
logo
Skyworks Solutions Inc.
AAT2513IVN-AA-T1 SKYWORKS-AAT2513IVN-AA-T1 Datasheet
1Mb / 21P
Dual 600mA Step-Down Converter with Synchronization
March 19, 2013
More results

Similar Description - AAT2513

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
Dual 1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
Dual Channel 600mA Step-Down Converter
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
600mA Step-Down Converter
AAT2713 ANALOGICTECH-AAT2713 Datasheet
1Mb / 23P
Low Noise Dual 600mA Step-Down Converter with Synchronization
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
600mA Step-Down Converter
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
Dual Channel, 600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
Dual 600mA Step-Down Converter with Synchronization
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
600mA Step-Down Converter
April 2019 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com