Electronic Components Datasheet Search
  English  ▼

X  

AAT2513 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT2513 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical Characteristics
Line Transient
(VIN = 3.6V to 4.2V; VOUT = 1.8V; IOUT = 600mA; COUT = 4.7µF)
Time (40µs/div)
1
2
3
4
5
1.74
1.76
1.78
1.80
1.82
1.84
Load Transient
(450mA to 600mA; VIN = 3.6V; VOUT = 1.8V; COUT = 4.7µF)
Time (20µs/div)
1.6
1.8
2.0
0.2
0.4
0.6
450mA
600mA
Load Transient
(450mA to 600mA; VIN = 3.6V; VOUT = 1.8V; COUT = 10µF; CFF = 100pF
Time (20µs/div)
1.7
1.8
1.9
2.0
0.2
0.4
0.6
600mA
450mA
Load Transient
(5mA to 600mA; VIN = 3.6V; VOUT = 1.8V; COUT = 4.7µF)
Time (40µs/div)
1.3
1.8
2.3
2.8
-0.5
0.0
0.5
1.0
5mA
600mA
Load Transient
(1mA to 600mA; VIN = 3.6V; VOUT = 1.8V; COUT = 10µF; CFF = 100pF)
Time (40µs/div)
1.6
1.8
2.0
0
0.5
600mA
1mA
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
8
2513.2007.04.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com