Electronic Components Datasheet Search
  English  ▼

X  

AAT2513 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT2513 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
11
Figure 1: AAT2513 Typical Schematic.
2.2uH
L1
4.7μF
C1
1.8V
118k
R1
2.2μH
L2
2.5V
R4
59.0k
R2
59.0k
10μF
C3
V
IN
187k
R3
FB1
4
EN1
10
LX1
7
PGND2
13
LX2
14
PGND1
8
AGND
2
VIN1
5
VIN2
16
PS
1
FB2
3
EN2
9
VCC
11
MODE/SYNC
12
N/C
6
N/C
15
AAT2513
U1
C2
4.7μF
Low Supply UVLO
Under-voltage lockout (UVLO) guarantees suffi-
cient V
IN bias and proper operation of all internal
circuitry prior to activation.
Fault Protection
For overload conditions, the peak inductor current
is limited. Thermal protection disables the convert-
er when the internal dissipation or ambient temper-
ature becomes excessive. The over-temperature
threshold for the junction temperature is 140°C with
15°C of hysteresis.
PWM/LL Operation
For fixed frequency, with minimum ripple under
light load conditions, the MODE/SYNC pin should
be tied to a logic high. For more efficient operation
under light load conditions the MODE/SYNC pin
should be tied to a logic low level.
Clock Phase and Frequency
A logic high on the PS pin while in PWM mode
forces both converters to operate 180° out of phase
thus reducing the input ripple by roughly half. A
logic low on the PS pin synchronizes both convert-
ers in phase.
Applications Information
Inductor Selection
The step down converter uses peak current mode
control with slope compensation to maintain stability
for duty cycles greater than 50%. The output induc-
tor value must be selected so the inductor current
down slope meets the internal slope compensation
requirements. The internal slope compensation for
the adjustable and low voltage fixed versions of the
AAT2513 is 0.6A/µsec. This equates to a slope com-
pensation that is 75% of the inductor current down
slope for a 1.8V output and 2.2µH inductor.
In this case a standard 3.3µH value is selected.
0.75
⋅ V
O
L =
=
≈ 1.2
⋅ V
O
= 1.2
2.5V = 3.1µH
m
0.75V
⋅ V
O
0.6
µs
A
µs
A
µs
A
0.75
⋅ V
O
m =
=
= 0.6
L
0.75
⋅ 1.8V
2.2µH
A
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com