Electronic Components Datasheet Search
  English  ▼

X  

AAT2513 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2513 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Characteristics
Load Transient
(1mA to 450mA; VIN = 3.6V; VOUT = 1.8V; COUT = 4.7µF)
Time (20µs/div)
1.8
2.0
0
0.5
450mA
1mA
Load Transient
(1mA to 450mA; VIN = 3.6V; VOUT = 1.8V; COUT = 10µF; CFF = 100pF)
Time (20µs/div)
1.6
1.8
2.0
-0.5
0.0
0.5
1mA
450mA
V
IL vs. Input Voltage
Input Voltage (V)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25
°C
85
°C
-40
°C
Soft Start
(VIN = 3.6V; VOUT = 1.8V; IOUT = 600mA)
Time (50µs/div)
0
1
2
3
4
-0.2
0.0
0.2
0.4
0.6
P-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
300
400
500
600
700
800
900
1000
2.5
3
3.5
4
4.5
5
5.5
6
120
°C
25
°C
100
°C
85
°C
V
IH vs. Input Voltage
Input Voltage (V)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25
°C
85
°C
-40
°C
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com