Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VT1705 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
i
Revision History
Rev
Date
Initial
Note
1.0
Mar. 26, 09
TL
Initial external release
1.1
Jun. 11, 09
TL
Updated descriptions, changed Karaoke Mode and Dynamic
Range Control as optional software features in Section 1 Product
Features
Updated signal descriptions of Pin 14 and Pin 15 in Section 6.2
Corrected register descriptions in Section 8.3.1 Get Parameter
Verb (Verb ID = F00h), 8.6.1 Get Parameter Verb (Verb ID =
F00h), 8.6.6 Amplifier Gain/Mute Verbs (Verb ID = Bh & 3h),
8.10.6 Right Channel Sense (Verb ID = F09h & 709h), 8.10.7 Pin
Widget Configuration Default Verbs (Verb ID = F1Ch &
71Ch-71Fh), 8.11.1 Get Parameter Verb (Verb ID = F00h),
8.17.3 Power State Verbs (Verb ID = F05h & 705h), 8.18.3
Power State Verbs (Verb ID = F05h & 705h), 8.17.4 Pin Widget
Control Verbs (Verb ID = F07h & 707h), and 8.18.4 Pin Widget
Control Verbs (Verb ID = F07h & 707h)
Updated the following Analog Performance Characteristics in
Section 10 Electrical Specification:
−
Removed Digital S/N, and added Dynamic Range (-60
dB Full Scale, A-Weight)
−
Frequency Response and Transition Band of ADC / DAC
Converters
Updated the description of green symbol in Section 11
Mechanical Specification
Corrected typos throughout the document
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com