Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VT1705 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
8
VREFOUT-C
29
O
Reference Voltage Output for Port C
VREFOUT-F
30
O
Reference Voltage Output for Port F
VREFOUT-E
31
O
Reference Voltage Output for Port E
VREFOUT-B_R
32
O
Reference Voltage Output for Port B Right
CAP1
33
O
Optional Capacitor for ADC Reference
JDREF
40
O
External Resistor for Jack Detect Circuit
6.3 Power and Ground
Pin Name
Pin #
I/O
Signal Description
DVDD_CORE
1
P
Digital Core Power. 3.3V
DVDD_IO
9
P
Digital Power for HDA Link. 1.5V~3.3V
DVSS
4
P
Digital VSS
DVSS
7
P
Digital VSS
CD_GND
19
-
CD Ground
AVDD1
25
P
Analog VDD
AVDD2
38
P
Analog VDD
AVSS1
26
P
Analog VSS
AVSS2
42
P
Analog VSS
6.4 NC Pins (Pins with No Connection)
Pin Name
Pin #
I/O
Signal Description
NC
37
-
No Connection
NC
45
-
No Connection
NC
46
-
No Connection
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com