Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT1705 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
17
7.7.3.1 Connect and Turnaround Frames
In the Connect and Turnaround Frames, the codec signals its request for initialization on SDI and then
releases SDI (turnaround) to be driven by the controller in the subsequent address frame.
Figure 17 – Connect and Turnaround Frames
The codec signals an initialization request by synchronously driving SDI high during last bit clock cycle of
Frame Sync. SDI must be asserted for the entire BITCLK cycle and must be synchronously de-asserted
the same rising edge of BITCLK as the de-assertion of the Frame Sync. The codec are only permitted to
signal an initialization request on a null input frame, a frame in which no response stream or input
streams are being sent.
In the Turnaround Frame, the codec and controllers are required to turn SDI around upon the completion
of the Connect Frame. To do this, the codec actively drives SDI low for one BITCLK cycle immediately
following the de-assertion of SYNC at the end of the Connect Frame. The codec then puts its SDI drivers
in a high impedance state at the end of the first BITCLK cycle in the Turnaround Frame. Four BITCLK
cycles before the end of the Turnaround Frame, SYNC and SID are driven high by the controller. The SDI
remains driven high through the end of the Turnaround Frame in preparation for the subsequent address
frame.
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com