Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button VT1705 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
36
Offset
Supported Stream Formats (Payload = 0Bh)
Response: 0000 0001h
Bit
Attribute
Default
Description
31:3
R
0
Reserved
2
R
0
No AC3 Support
1
R
0
No Float32 Support
0
R
1b
PCM Supported
Offset
Input Amplifier Capabilities (Payload = 0Dh)
Response: 8005 1F0Bh
Bit
Attribute
Default
Description
31
R
1b
Mute Capable
30:23
R
0
Reserved
22:16
R
0000101b
Step Size
0000101b: Step size is 1.5 dB.
15
R
0
Reserved
14:8
R
0011111b
Number of steps
0011111b: Number of steps is 32 (-16.5 dB – 30 dB).
7
R
0
Reserved
6:0
R
0001011b
Offset
0001011b: Offset 0Bh is 0dB.
Offset
Connection List Length (Payload = 0Eh)
Response: 0000 0001h
Bit
Attribute
Default
Description
31:8
R
0
Reserved
7
R
0
Short Form
6:0
R
0000001b
1 Input Available
Offset
Supported Power States (Payload = 0Fh)
Response: 0000 000Fh
Bit
Attribute
Default
Description
31:4
R
0
Reserved
3
R
1b
D3Sup
2
R
1b
D2Sup
1
R
1b
D1Sup
0
R
1b
D0Sup
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com