Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button VT1705 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
35
8.6 Audio Analog Input Converter Widget (Node ID = 13h, 14h)
8.6.1 Get Parameter Verb (Verb ID = F00h)
Offset
Audio Widget Capabilities (Payload = 09h)
Response: 0010 051Bh
Bit
Attribute
Default
Description
31:24
R
0
Reserved
23:20
R
0001b
Audio Input Converter Widget
19:16
R
0
Delay
15:12
R
0
Reserved
11
R
0
No L-R Swap
10
R
1b
Power Control Supported
9
R
0
Analog Widget, not Digital
8
R
1b
Connection List is Present.
7
R
0
Does not Support Unsolicited Response.
6
R
0
No Processing Control
5
R
0
Reserved
4
R
1b
Contains Format Information
3
R
1b
Contains Amplifier Parameter
2
R
0
Out Amp is not Present.
1
R
1b
In Amp is Present.
0
R
1b
Stereo
Offset
Supported PCM Size, Rates (Payload = 0Ah)
Response: 000E 0560h
Bit
Attribute
Default
Description
31:21
R
0
Reserved
20
R
0
No 32-bit Audio Format Support
19
R
1b
24-bit Audio Format Support
18
R
1b
20-bit Audio Format Support
17
R
1b
16-bit Audio Format Support
16
R
0
8-bit Audio Format Support
15:12
R
0
Reserved
11
R
0
384 kHz not Supported
10
R
1b
192 kHz Supported
9
R
0
176.4 kHz not Supported
8
R
1b
96 kHz Supported
7
R
0
88.2 kHz not Supported
6
R
1b
48 kHz Supported
5
R
1b
44.1 kHz Supported
4
R
0
32 kHz not Supported
3
R
0
22.05 kHz not Supported
2
R
0
16 kHz not Supported
1
R
0
11.025 kHz not Supported
0
R
0
8 kHz not Supported
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com