Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT1705 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
9
7 High Definition Audio Link Protocol
7.1 Link Signaling
The link protocol defines the digital serial interface that connects High Definition Audio codec to the audio
controller, and is not compatible with the previous AC97 protocol. The link is controller synchronous,
based on a fixed 24MHz BITCLK and is purely isochronous without any flow control.
Figure 3 – High Definition Audio Link Conceptual View
7.2 Signal Definitions
Table 3 – High Definition Audio Link Signal Description
Signal Name
Source
Type
Description
BITCLK
Controller
I
24 MHz Clock
SYNC
Controller
I
Global 48 kHz Frame Sync and Outbound Tag Signal.
SDO
Controller
I
Bussed Serial Data Output from Controller.
SDI
Codec &
controller
IO
Point-to-point Serial Data. The controller has a weak pull
down.
RESETN
Controller
I
Global Active Low Reset Signal.
BITCLK is the 24 MHz clock sourced from the controller and connecting to all codec on the link.
SYNC marks input and output frame boundaries (Frame Sync) as well as identifying outbound data
streams (stream tags). SYNC is always sourced from the controller and connects to all codec on the link.
SDO is driven by the controller to all codec on the link. Compared with AC97, the SDO is double pumped
with respect to both rising and falling edges of BITCLK in order to increase the bandwidth required for
High Definition Audio link.
SDI is a point-to-point data signal driven by the codec to the controller. Because the bandwidth
requirement is not that high compared with SDO, the data is single pumped with respect to only the rising
edge of BITCLK. The controller is required to implement weak pull-down on all SDI signals.
RESETN is sourced from the controller and connects to all codec on the link. Assertion of RESETN results
in all link interface logic being reset to Default power on state.
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com