Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button VT1705 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
61
8.12.7 Pin Sense Control Verbs (Verb ID = F09h & 709h)
Description
Verb ID
Payload
Get
Get Pin Sense Control
F09h
8’b0
Set
Set Pin Sense Control
709h
PinCntl
Offset
PinCntl Format
Response: 0000 0000h
Bit
Attribute
Default
Description
7:1
R
0
Reserved
0
R
0
Right Channel Sense ( Not supported )
Offset
Response: -h
Bit
Attribute
Default
Description
31
R
-
Presence Detect
0: Nothing plugged in
1: Jack plugged in
30:0
R
0
Reserved
8.12.8 Pin Widget Configuration Default Verbs (Verb ID = F1Ch & 71Ch-71Fh)
Description
Verb ID
Payload
Get
Get Pin Widget Configuration Default
F1Ch
8’b0
Set
Set Pin Widget Configuration Default
71Ch
Config bits [7:0]
Set
Set Pin Widget Configuration Default
71Dh
Config bits [15:8]
Set
Set Pin Widget Configuration Default
71Eh
Config bits [23:16]
Set
Set Pin Widget Configuration Default
71Fh
Config bits [31:24]
Offset
Config Bits Format
Response: 0221 401Fh
Bit
Attribute
Default
Description
31:30
RW
0
Port Connectivity
29:24
RW
000010b
Location
23:20
RW
0010b
Default Device
19:16
RW
0001b
Connection Type
15:12
RW
0100b
Color
11:8
RW
0
Misc.
7:4
RW
0001b
Default Association
3:0
RW
1111b
Sequence
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com