Electronic Components Datasheet Search
  English  ▼

X  

VT1705 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # VT1705
Description  High Definition Audio Codec
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT1705 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button VT1705 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT1705 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
Data Sheet
VT1705 High Definition Audio Codec
67
8.14 Pin Widget PW1, PW2 (Node ID = 1Ah, 1Bh)
8.14.1 Get Parameter Verb (Verb ID = F00h)
Offset
Audio Widget Capabilities (Payload = 05h)
Response: 0000 0101h
Bit
Attribute
Default
Description
31:9
R
0
Reserved
8
R
1b
Unsolicited Capable
7:0
R
00000001b
Audio Function Group
Offset
Audio Widget Capabilities (Payload = 09h)
Response: 0040 0581h
Bit
Attribute
Default
Description
31:24
R
0
Reserved
23:20
R
0100b
Pin Widget
19:16
R
0
Delay
15:12
R
0
Reserved
11
R
0
No L-R Swap
10
R
1b
Power Control Supported
9
R
0
Analog Widget, not Digital
8
R
1b
Connection List is Present.
7
R
1b
Support Unsolicited Response
6
R
0
No Processing Control
5
R
0
Reserved
4
R
0
Doesn’t Contain Format Information
3
R
0
Contain Amplifier Parameter
2
R
0
Out Amp not Presented
1
R
0
In Amp Presented
0
R
1b
Stereo
Offset
Pin Capabilities (Payload = 0Ch)
Response: 0000 2334h
Bit
Attribute
Default
Description
31:17
R
0
Reserved
16
R
0
EAPD Capable
15:8
R
23h
VRef Control
23h: 100% & 50% & Hi-Z
7
R
0
Reserved
6
R
0
Balanced I/O Pins
5
R
1b
Input Capable
4
R
1b
Output Capable
3
R
0
Headphone Drive Capable
2
R
1b
Presence Detect Capable
1
R
0
Trigger Required
0
R
0
Impedance Sense Capable
Free Datasheet http://www.datasheet4u.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com