Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8460 Datasheet HTML 28Page - Analog Devices AD8460 Datasheet HTML 29Page - Analog Devices AD8460 Datasheet HTML 30Page - Analog Devices AD8460 Datasheet HTML 31Page - Analog Devices AD8460 Datasheet HTML 32Page - Analog Devices AD8460 Datasheet HTML 33Page - Analog Devices AD8460 Datasheet HTML 34Page - Analog Devices AD8460 Datasheet HTML 35Page - Analog Devices AD8460 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
Data Sheet
AD8460
analog.com
Rev.0
32 of 75
ANALOG PATTERN GENERATION (APG)
To enable the APG mode, set the APG_MODE_ENABLE bit to (1) in the CTRL_REG_02 register and then set
WAVE_GEN_MODE bit to (1) in the CTRL_REG_00 register.
The pattern is generated in non-real time and data is loaded serially through SPI into pattern memory prior to
updating the driver output. The SYNC signal loads the DAC input on its rising edge based on the values in the
pattern memory in the HVDAC_DATA_REGMAP and updates the driver output on its falling edge. The pattern loops
if SYNC is pulsed. The maximum SYNC rate for APG mode is 20 MHz.
In HVDAC_DATA_REGMAP, each 14 bit level is stored in a combination of two 8 bit registers, containing the low
order byte and high order byte. For example, the first level in the pattern is stored in HVDAC_DATA_BYTE_00 and
HVDAC_DATA_BYTE_01, If the first level is 14 bit binary sequence ������
13������12������11������10������9������8������7������6������5������4������3������2������1������0,
HVDAC_DATA_BYTE_00 contains the 8 low order bits (binary ������
7������6������5������4������3������2������1������0), and HVDAC_DATA_BYTE_01
contains the 8 high order bits (binary ������
∅������∅������13������12������11������10������9������8), where the first two bits are reserved. The second level
in the pattern is stored in HVDAC_DATA_BYTE_02 and HVDAC_DATA_BYTE_03, and so forth.
The default pattern memory value produces a 4-level, ±20 V up-down sequential staircase waveform at a frequency
defined by the SYNC clock rate, as shown in Figure 62. These default values may be overwritten through SPI. The
APG mode generates analog pattern of up to 16 sequential voltage levels. The pulse width for each voltage level is
defined by the SYNC clock rate and can be calculated by:
������������������������������ ������������������������ℎ =
1
������������������������ ������������������������������ ������������������������
# ������������ ������������������������������������������������������������ ������������������������������������������ ������������������������������������
Assume the SYNC clock rate is 1 MHz and the output is a 2-level sequential pulse, the pulse width is:
������������������������������ ������������������������ℎ =
1
1 ������������������
2
= 0.5 ������������
Figure 62. APG Mode Reference Example
0
EXTERNAL
INPUT
200016
300016
1
2
3
0
200016
100016
200016
20V
–20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com