Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 2 Page - Analog Devices

  AD8460 Datasheet HTML 1Page - Analog Devices AD8460 Datasheet HTML 2Page - Analog Devices AD8460 Datasheet HTML 3Page - Analog Devices AD8460 Datasheet HTML 4Page - Analog Devices AD8460 Datasheet HTML 5Page - Analog Devices AD8460 Datasheet HTML 6Page - Analog Devices AD8460 Datasheet HTML 7Page - Analog Devices AD8460 Datasheet HTML 8Page - Analog Devices AD8460 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
Data Sheet
AD8460
110 V High Voltage, 1 A High Current,
Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
O n e A n al o g Wa y, Wi lm i ngt o n, M A 01887 - 2356, U . S .A .
T el : 781. 329. 4700
© 2023 A n a l o g D evi c es , In c . Al l ri gh t s r es erv ed.
FUNCTIONAL BLOCK DIAGRAM
Figure 3. Functional Block Diagram
0.1µF
5V
CLOCK
GENERATOR
CS
DB0 TO
DB13
SDO
SDI
SCLK
RESET
DIGITAL
ENGINE
AWG/APF
MODE
SELECT
5V
+50V
–50V
RF
RF
RG
RG
CBYP
0.1µF
RTERM
50Ω
RTERM
50Ω
RSET
2kΩ
0.1µF
HVCC
DATA
+OUT
–OUT
SDN_IO
SDN_RESET
COMP_H
CCOMP_H
CLOAD
CCOMP_L
COMP_L
TMP
HVEE
COMP_T
REFIO_1P2V
14
14
FS_ADJ
SYNC
INN
IOUTN
GND
OUT
INP
CLK
IOUTP
DVDD_3P3V
AVDD_3P3V
VCC_5V VREF_5V
3.3V LDO
14-BIT DAC
SHUTDOWN
FAULT
SENSE
I
T
V
MSU
OR
FPGA
CONTROLLER
UNIT
HIGH VOLTAGE
HIGH CURRENT
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com