Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 40 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD8460 Datasheet HTML 36Page - Analog Devices AD8460 Datasheet HTML 37Page - Analog Devices AD8460 Datasheet HTML 38Page - Analog Devices AD8460 Datasheet HTML 39Page - Analog Devices AD8460 Datasheet HTML 40Page - Analog Devices AD8460 Datasheet HTML 41Page - Analog Devices AD8460 Datasheet HTML 42Page - Analog Devices AD8460 Datasheet HTML 43Page - Analog Devices AD8460 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
Data Sheet
AD8460
analog.com
Rev.0
40 of 75
Figure 65. Shutdown Response Time vs. Various CSDN_IO
Figure 66. Shutdown Response Sequence
MANUAL THERMAL SHUTDOWN
The AD8460 features an optional manual thermal shutdown at TJ = 150 °C without the need for SPI communication
and programming. This manual shutdown feature is only valid for thermal shutdown. The overcurrent and
overvoltage protection still require SPI communication and programming.
To enable the manual thermal shutdown, tie TMP directly to SDN_IO, as shown in Figure 67. In this configuration,
the TMP pin’s analog output voltage reaches the SDN_IO’s logic high threshold at approximately TJ = 150 °C,
activating shutdown mode. The AD8460 does not self-reset when the die temperature has cooled below 150 °C. The
AD8460 remains in shutdown until resequencing the power supplies or the SDN_IO pin.
HVCC = +50V
HVEE = –20V
IHVEE = 500mA
RLOAD = 10Ω
SDN_IO CAPACITANCE (nF)
0.01
0.1
1
10
100
1k
0.001
0.01
0.1
1
2
0V
ENSURE SDN_IO FLOATING
SHUTDOWN
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com