Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 39 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD8460 Datasheet HTML 35Page - Analog Devices AD8460 Datasheet HTML 36Page - Analog Devices AD8460 Datasheet HTML 37Page - Analog Devices AD8460 Datasheet HTML 38Page - Analog Devices AD8460 Datasheet HTML 39Page - Analog Devices AD8460 Datasheet HTML 40Page - Analog Devices AD8460 Datasheet HTML 41Page - Analog Devices AD8460 Datasheet HTML 42Page - Analog Devices AD8460 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
Data Sheet
AD8460
analog.com
Rev.0
39 of 75
SHUTDOWN CONTROL (SDN_IO)
The HV-HI output driver is disabled when SDN_IO is high. As directed in the power-up section, it is recommended to
power-up with SDN_IO high so that the output driver is in shutdown mode and then bringing SDN_IO low once the
desired AD8460 configuration is written over SPI. Subsequently, floating the SDN_IO pin enables the fault
monitoring and protection feature while the AD8460 remains on. SDN_IO sinks ~180 µA to override SDN_IO’s high
state.
When SDN_IO is floated, the driver is controlled by SPI commands. SDN_IO has both input and output functionality.
The user can drive the SDN_IO pin to enable/disable the amplifier or monitoring the SDN_IO. When SDN_IO is
floated or connected to a high impedance digital pin such as a microcontroller GPIO, SDN_IO serves as a flag for
any of the internal alarm conditions.
When SDN_IO is pulled high, the AD8460’s HVCC and HVEE supply currents are reduced to ~120 µA and the internal
high voltage driver is disabled. The output goes to high impedance (~27 kΩ). The shutdown state is latched and the
driver remains in shutdown even when SDN_IO is floated. To enable the AD8460 from shutdown, pulling SDN_IO
low and following by floating the SDN_IO is required to enable the shutdown protection features.
When SDN_IO is held low, the output is continuously enabled, and shutdown is inhibited. Use caution in this case
as the device is unprotected from overstress. Holding SDN_IO low disables the shutdown protection features.
DELAYED SHUTDOWN
The user may add delay to the AD8460’s shutdown response time to improve noise immunity, by means of an
external capacitor from SDN_IO to ground. The capacitor value is chosen so that the desired delay equals the time
required for the voltage on SDN_IO to ramp from 0 V to its threshold voltage of 2.5 V under a constant current of
180 μA. The capacitor value CSDNIO is calculated according to the relationship:
������������������������������������ =
(180 ������������ × ������)
2.5 ������
where, t is the desired delay time.
Note: The chosen delay applies to all internally-detected alarms (current, voltage, and temperature).
For example, to add a 5 μs delay so that short duration current or voltage spikes do not cause a shutdown, a
capacitor is needed between SDN_IO and ground, with value:
������������������������������������ =
(180 ������������ × 5 ������������)
2.5 ������
= 360 ������������
Note that parasitic capacitance on the PCB impacts the shutdown response time. The values seen in Figure 65 are
the total capacitance on the SDN_IO pin, which includes the PCB’s parasitic capacitance and added capacitor. In
this example, any alarm condition shorter than 5 μs in duration does not trigger a shutdown. Figure 65 shows the
AD8460’s shutdown response time vs. various capacitance.
Alarm latching is particularly useful when delayed shutdown is implemented. In the previous example, a fault of
less than 5 μs duration does not trigger a shutdown, but the occurrence of a fault may be of interest for
troubleshooting purposes. When the ALARM_LATCH is true (1), the states of the corresponding ALARM flags may be
polled through SPI to see if any faults are detected, even if the event is too short to force a shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com