Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8460 Datasheet HTML 12Page - Analog Devices AD8460 Datasheet HTML 13Page - Analog Devices AD8460 Datasheet HTML 14Page - Analog Devices AD8460 Datasheet HTML 15Page - Analog Devices AD8460 Datasheet HTML 16Page - Analog Devices AD8460 Datasheet HTML 17Page - Analog Devices AD8460 Datasheet HTML 18Page - Analog Devices AD8460 Datasheet HTML 19Page - Analog Devices AD8460 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
Data Sheet
AD8460
analog.com
Rev.0
16 of 75
76
AVDD_3P3V
Analog supply bypass. Output of internal 3.3 V LDO. Requires 0.1 µF capacitor to GND.
77
TMP
Junction temperature monitor output voltage.
78
REFIO_1P2V
Reference input/output for internal DAC. Connect to external 1.2 V reference or output
of 1.2 V reference output (reduced accuracy). Requires 0.1 µF capacitor to GND.
79
FS_ADJ
DAC full-scale current output adjust. Requires 2 kΩ resistor to GND. For more
information about full-scale adjustment, see the FULL-SCALE ADJUSTMENT section.
80
SDN_IO
Shutdown input/output (Shutdown active high). Connect capacitor to GND for
shutdown delay.
EPAD
Exposed thermal pad. Electrically connected to GND internally. Connect to external
heat sink (grounded or floating) for thermal management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com