Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8460 Datasheet HTML 17Page - Analog Devices AD8460 Datasheet HTML 18Page - Analog Devices AD8460 Datasheet HTML 19Page - Analog Devices AD8460 Datasheet HTML 20Page - Analog Devices AD8460 Datasheet HTML 21Page - Analog Devices AD8460 Datasheet HTML 22Page - Analog Devices AD8460 Datasheet HTML 23Page - Analog Devices AD8460 Datasheet HTML 24Page - Analog Devices AD8460 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
Data Sheet
AD8460
analog.com
Rev.0
21 of 75
Figure 28. Large Signal Bandwidth,CLOAD = 47 nF, CCOMP = 20
pF
Figure 29. Small Signal Frequency Response vs. CLOAD, TJ =
150 °C
Figure 30. Small Signal Frequency Response vs. CLOAD, TJ =
105 °C
Figure 31. Small Signal Frequency Response vs.
Temperature, CLOAD = 22 nF, CCOMP = 10 pF
Figure 32. Small Signal Frequency Response vs.
Temperature, CLOAD = 1 nF, CCOMP = None
Figure 33. Large Signal Frequency Response vs.
Temperature, CLOAD = 1 nF, CCOMP = None
VS = ±50V
CLOAD = 47nF
CCOMP = 20pF
VOUT = 80V p-p SINE WAVE
TJ ≤ 150°C
AMPLITUDE
TOTAL POWER
FREQUENCY (Hz)
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
FREQUENCY (Hz)
10k
100k
1M
10M
100M
–50
–40
–30
–20
–10
0
10
20
30
40
TJ = 150°C
CLOAD = 1nF, CCOMP = NONE
CLOAD = 22nF, CCOMP = 10pF
CLOAD = 47nF, CCOMP = 20pF
TJ = 105°C
CLOAD = 1nF, CCOMP = NONE
CLOAD = 22nF, CCOMP = 10pF
CLOAD = 47nF, CCOMP = 20pF
FREQUENCY (Hz)
10k
100k
1M
10M
100M
–50
–40
–30
–20
–10
0
10
20
30
40
FREQUENCY (Hz)
10k
100k
1M
10M
100M
–50
–40
–30
–20
–10
0
10
20
30
40
CLOAD = 22nF
CCOMP = 10pF
TJ = 85°C
TJ = 105°C
TJ = 150°C
CLOAD = 1nF
CCOMP = NONE
TJ = 85°C
TJ = 105°C
TJ = 150°C
FREQUENCY (Hz)
10k
100k
1M
10M
100M
–50
–40
–30
–20
–10
0
10
20
30
40
CLOAD = 1nF
CCOMP = NONE
VOUT = 80V p-p SINE WAVE
TJ = 85°C
TJ = 105°C
TJ = 150°C
FREQUENCY (Hz)
1k
10k
100k
1M
0
2
4
6
8
10
12
14
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com