Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8460 Datasheet HTML 9Page - Analog Devices AD8460 Datasheet HTML 10Page - Analog Devices AD8460 Datasheet HTML 11Page - Analog Devices AD8460 Datasheet HTML 12Page - Analog Devices AD8460 Datasheet HTML 13Page - Analog Devices AD8460 Datasheet HTML 14Page - Analog Devices AD8460 Datasheet HTML 15Page - Analog Devices AD8460 Datasheet HTML 16Page - Analog Devices AD8460 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Data Sheet
AD8460
analog.com
Rev.0
13 of 75
Thermal Resistance
Thermal performance is directly linked to PCB design and operating environment. Close attention to PCB thermal
design is required. To keep the junction temperature (TJ) below the absolute maximum rating, it is typically
required to incorporate thermal management techniques. See the Thermal Management section for more details.
θJA is the natural convection, junction-to-ambient thermal resistance. θJC is the junction-to-case thermal resistance.
Table 4. Thermal Resistance
Package Type1
θJA2
θJC3
θJC2
Unit
80-Lead TQFP (SV-80-7)
39.5
1.1
2.3
°C/W
1
Thermal impedance simulated values based on JEDEC JESD-51. For θJA with heatsink and airflow. See the Thermal
Management section.
2
Includes derating across the die.
3
Equal power dissipation across the die.
Electrostatic Discharge (ESD)
The following ESD information is provided for handling of ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001. Field induced charged device model (FICDM) per
ANSI/ESDA/JEDEC JS-002.
Table 5. AD8460 80-Lead TQFP
ESD Model
Withstand Threshold (V)
Class
HBM
± 1000
1C
FICDM
± 1000
C3
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com