Electronic Components Datasheet Search
  English  ▼

X  

AD8460 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8460
Description  110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8460 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8460 Datasheet HTML 25Page - Analog Devices AD8460 Datasheet HTML 26Page - Analog Devices AD8460 Datasheet HTML 27Page - Analog Devices AD8460 Datasheet HTML 28Page - Analog Devices AD8460 Datasheet HTML 29Page - Analog Devices AD8460 Datasheet HTML 30Page - Analog Devices AD8460 Datasheet HTML 31Page - Analog Devices AD8460 Datasheet HTML 32Page - Analog Devices AD8460 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
Data Sheet
AD8460
analog.com
Rev.0
29 of 75
The maximum output swing is established by the internal DAC configuration. See FULL-SCALE
ADJUSTMENT.
The AD8460 requires dual high voltage (up to ±55 V) power supplies at HVCC and HVEE, and a single low
voltage (5 V) power supply at VCC_5V. The part generates 3.3 V internally from a LDO output at AVDD_3P3V,
and DVDD_3P3V is an internal digital supply bypass point that should be connected to AVDD_3P3V. See
POWER SUPPLIES AND DECOUPLING.
A reference of 5 V is required at VREF_5V to provide the reference voltage for analog low voltage and
protection threshold DACs. Connect VREF_5V to an external 5 V reference or to VCC_5V (reduced accuracy).
The AD8460 utilizes a reference of 1.2 V at REFIO_1P2V to provide the reference voltage for the high-speed
DAC. Connect REFIO_1P2V to an external 1.2 V reference or float to use the internal 1.2 V reference, which
can give rise to reduced accuracy. See REFERENCE OPERATION. An external resistor RSET connected to
FS_ADJ establishes the internal DAC’s reference current IREF. When RSET = 2 kΩ, as in Figure 58,the DAC’s
full scale complementary output currents are set to the nominal value of 20 mA. See FULL-SCALE
ADJUSTMENT.
The DAC and the high-voltage, high-current (HV-HI) output driver can be connected externally through
pin IOUTP and INP on the high side, and pin IOUTN and INN on the low side. The termination resistors
(RTERM) set the inputs to the HV-HI driver. The RTERM resistors are recommended to be high precision 50 Ω.
The % tolerance on the RTERM corresponds to possible error at the output. Typically, a tolerance of 0.1% is
recommended in systems that balance precision and cost. 0.01% resistors are recommended for higher
precision systems.
In addition to drive capability, the AD8460 provides a suite of features relating to fault monitoring and load
protection. The part features a junction temperature monitor providing voltage at output indicating junction
temperature up to 2.5 V at maximum junction temperature of 150 °C. The digital engine allows for programmable
output current limit (source current and/or sink current), programmable output voltage limit (positive voltage
and/or negative voltage), and programmable temperature limit (maximum junction temperature). See SHUTDOWN
PROTECTION SETTINGS.
INITIAL POWER-UP
POWER SUPPLIES AND DECOUPLING
The AD8460 requires dual high voltage supplies in the range of ±12 V to ±50 V at HVCC and HVEE, as well as a single
5 V low voltage supply at VCC_5V. Bypass all supply pins to ground using high quality, low ESR 0.1 μF capacitors.
Place bypass capacitors as close to the supply pins as possible, with a short, direct connection to the PCB’s analog
ground plane. Additionally, place four 1.2 μF ceramic capacitors from each high voltage supply to ground to
provide good low frequency bypassing, and to provide the needed current to support large, fast-slewing signals.
Low-inductance planes are recommended for high voltage supply routing.
AVDD_3P3V is the analog supply bypass point for the internal 3.3 V LDO. AVDD_3P3V requires a 0.1 µF bypass
capacitor from AVDD_3P3V to GND. Connect AVDD_3P3V to DVDD_3P3V.
VREF_5V
VREF_5V sets the reference voltage for internal alarm threshold DACs and needs to be biased. A precise 5 V
reference IC is recommended. Alternatively, VREF_5V can be connected to VCC_5V (reduced accuracy).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com