Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 31 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 31 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 27Page - Knowles Electronics 5500 Datasheet HTML 28Page - Knowles Electronics 5500 Datasheet HTML 29Page - Knowles Electronics 5500 Datasheet HTML 30Page - Knowles Electronics 5500 Datasheet HTML 31Page - Knowles Electronics 5500 Datasheet HTML 32Page - Knowles Electronics 5500 Datasheet HTML 33Page - Knowles Electronics 5500 Datasheet HTML 34Page - Knowles Electronics 5500 Datasheet HTML 35Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
www.knowlescapacitors.com
29
Giga-Trim® Trimmers -
Description
Sapphire dielectric
Ceramic dielectric
Zirconia High K dielectric
High Q
500 VDC working voltage
Select part numbers available on tape and reel
Utilizes the same constant torque drive mechanism as
Johanson air capacitors and tuning elements
Characteristics
Rated voltage: 500 VDC
Insulation resistance: >106 MΩ @ 500 VDC
Rotational life exceeds Mil-C-14409
Contact resistance: <.01 V
Operating temperature: -65°C to +125°C
Self resonant frequency: >12 GHz
Vibration: 60g, 10-2000 Hz
Shock: 100g, 6 milliseconds
Applications
Impedance matching
Crystal trimming
Interstage coupling
Base station amplifier
Seal Caps
Type
Part No.
Cap type
Material
17273
P4446-2
“Poke-Thru”
Seal Cap
Teflon®
27260 Thru 27265
P4445-1
Standard
Seal Cap
Teflon®
27270 Thru 27295
P4445
Standard
Seal Cap
Teflon®
27260 Thru 27265
P4446-1
“Poke-Thru”
Seal Cap
Teflon®
27270 Thru 27295
P4446
“Poke-Thru”
Seal Cap
Teflon®
47273 Thru 47285
P4446-2
“Poke-Thru”
Seal Cap
Teflon®
57263
P4446-1
“Poke-Thru”
Seal Cap
Teflon®
Note: The use of a Johanson tuning tool is recommended. Improper
screwdriver size will cause internal thread damage.
JMC 8762
JMC Drive Tuning Tool 8762
JMC Drive Tuning Tool 8766
JMC 8766
Q
Frequency (MHz)
10000
1000
100
10
0
250
500 750
1000 1250 1500 1750 2000 2250 2500
27260
27270
27280
27290
Set at Max. capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com