Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 35 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 35 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 31Page - Knowles Electronics 5500 Datasheet HTML 32Page - Knowles Electronics 5500 Datasheet HTML 33Page - Knowles Electronics 5500 Datasheet HTML 34Page - Knowles Electronics 5500 Datasheet HTML 35Page - Knowles Electronics 5500 Datasheet HTML 36Page - Knowles Electronics 5500 Datasheet HTML 37Page - Knowles Electronics 5500 Datasheet HTML 38Page - Knowles Electronics 5500 Datasheet HTML 39Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
www.knowlescapacitors.com
33
The V9000 trimmer capacitor is a unique design: truly sub
miniature at just 0.64” (16.3mm) in length but offers the highest
working voltage rating of 2kV and capacitance value, up to 12pF,
available in its size.
Using a Sapphire dielectric, for its ideal dielectric constant, it
is extremely stable, is chemically inert, moisture resistant and
mechanically strong. Recently launched, additional features are
still under development, contact Voltronics for our usual custom
modifications and adaptations.
Non-Magnetic Sapphire Trimmer - V9000
A
A
.14
±.03
.21 at
min. cap
2x .010
2x
.12
.47
.020
Ø .25
.188
.15
.25
.08
General specifications
Capacitance Range
1.0pF to 12.0pF Typical
DC Working Voltage @ 12.0pF
2000V
DC Withstanding Voltage @ 12.0pF
3000V
Q Factor @ 100 MHz & 12.0 pF
3000 Min
Insulation Resistance
105 MΩ @ 25°C
Temperature Coefficient
500 ± 200 ppm/°C
Mechanical specifications
Tuning Torque
0.5 in oz to 3.0 in oz
Rotational Life
600 Turns Min
Construction
Non-Magnetic
Environmental
Operating Temperature
-55°C to +125°C
RoHS Compliant
Dimensions
Part No.
DC Working Voltage
DC Withstanding
Voltage
Capacitance (pF) <
Capacitance (pF) >
V9000
2000V
3000V
1
12
Solder pad layout
2X .220
2X .160
.210
V9000 cutaway
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com