Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 8 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 8 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 4Page - Knowles Electronics 5500 Datasheet HTML 5Page - Knowles Electronics 5500 Datasheet HTML 6Page - Knowles Electronics 5500 Datasheet HTML 7Page - Knowles Electronics 5500 Datasheet HTML 8Page - Knowles Electronics 5500 Datasheet HTML 9Page - Knowles Electronics 5500 Datasheet HTML 10Page - Knowles Electronics 5500 Datasheet HTML 11Page - Knowles Electronics 5500 Datasheet HTML 12Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
www.knowlescapacitors.com
6
Thin-Trim® Trimmers - 9402 & 9410 Series
Thin-Trim® 9402 & 9410 Series capacitors are an advanced
development in miniaturized trimmer capacitors for applications in
circuits where size and performance are critical.
The Thin-Trim® capacitor embodies a radical reduction in size
and weight over standard ceramic capacitors, with a proportional
improvement in electrical characteristics. The capacitor consists
of a metallic rotor suspended under spring pressure between
two metalized dielectric disks. In addition to physically securing
the assembly, the springs serve as both the internal electrical
connection and the external terminals, simplifying the construction
and further reducing size. The incorporation of the Johanson square
drive tuning mechanism insures captive, non-slip, tamper-proof
adjustments which are not subject to backlash problems associated
with screwdriver type adjustments.
Characteristics
Rated voltage: 250 VDC (test voltage 500 VDC)
Insulation resistance: >104 MΩ
Operating temperature range: -55ºC to +125ºC
Torque: 0.05 to 1.0 oz. in.
0.2 to 2.0 oz. in. for 9410
Vibration: 15g, 10-2000 Hz
Shock: 100g, 6 milliseconds
Setting drift: <1%
Moisture resistance: MIL-STD-202, Method 106
Resistant to soldering heat: MIL-STD-202, Method 210, Test C
Solderability: MIL-STD-202, Method 208
Resistant to cleaning solvents: MIL-STD-202, Method 215
JMC Square Drive Tuning Tool 4192 for 9402
JMC Square Drive Tuning Tool 4193 for 9410
Applications
RF amplifier
LC Filters and Networks
Broadband Wireless LAN
Medical Devices
Cordless and Cellular phones
DR/Crystal Oscillator
Microstrip line filters
Series
Housing Size
Capacitance
Tuning
Resolution
Min. Q @
100 MHz
Color Code
Drawing Figure
9402-0
0.125” (3.18mm)
0.5 to 2.5pF
180°
3000
Red
A
9402-0SL-1
0.125” (3.18mm)
180°
B
9402-1
0.125” (3.18mm)
1.0 to 5.0pF
180°
1000
Black
A
9402-1SL-1
0.125” (3.18mm)
180°
B
9402-2
0.125” (3.18mm)
2.5 to 10pF
180°
1000
Blue
A
9402-2SL-1
0.125” (3.18mm)
180°
B
9402-4
0.125” (3.18mm)
3.0 to 12pF
180°
500
Brown
A
9402-4SL-1
0.125” (3.18mm)
180°
B
9402-6
0.125” (3.18mm)
6.0 to 25pF
180°
300
Yellow
A
9402-6SL-1
0.125” (3.18mm)
180°
B
9402-8
0.125” (3.18mm)
5.0 to 15pF
180°
750
None
A
9402-8SL-1
0.125” (3.18mm)
180°
B
9402-9
0.125” (3.18mm)
5.0 to 18pF
180°
500
Grey
A
9402-9SL-1
0.125” (3.18mm)
180°
B
9410-0
0.200” (5.08mm)
1.0 to 4.5pF
180°
1000
Red
C
9410-0SL-1
0.200” (5.08mm)
180°
D
9410-1
0.200” (5.08mm)
2.5 to 10pF
180°
1000
Black
C
9410-1SL-1
0.200” (5.08mm)
180°
D
9410-2
0.200” (5.08mm)
4.0 to 18pF
180°
700
Blue
C
9410-2SL-1
0.200” (5.08mm)
180°
D
9410-3
0.200” (5.08mm)
6.0 to 35pF
180°
200
Orange
C
9410-3SL-1
0.200” (5.08mm)
180°
D
9410-4
0.200” (5.08mm)
7.0 to 40pF
180°
200
Brown
C
9410-4SL-1
0.200” (5.08mm)
180°
D
9410-5
0.200” (5.08mm)
8.0 to 50pF
180°
200
Green
C
9410-5SL-1
0.200” (5.08mm)
180°
D
9410-25
0.200” (5.08mm)
5.0 to 25pF
180°
200
Yellow
C
9410-25SL-1
0.200” (5.08mm)
180°
D
Packaging
Tape and reel available for 9402-SL & 9410-SL products
Add suffix to JMC P/N for reel packaging
9410-SL R7 = 3000 pieces
.030 (.762)
JMC 4193
.025 (.635)
JMC 4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com