Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 19 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 19 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 15Page - Knowles Electronics 5500 Datasheet HTML 16Page - Knowles Electronics 5500 Datasheet HTML 17Page - Knowles Electronics 5500 Datasheet HTML 18Page - Knowles Electronics 5500 Datasheet HTML 19Page - Knowles Electronics 5500 Datasheet HTML 20Page - Knowles Electronics 5500 Datasheet HTML 21Page - Knowles Electronics 5500 Datasheet HTML 22Page - Knowles Electronics 5500 Datasheet HTML 23Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
www.knowlescapacitors.com
17
Part
Number
Cap Range
(pF)
Min. Q @
100 MHz
Dimensions
Fig.
A
B
C
D
E
F
G
(UNS-2A)
5800
5802
0.35 to 3.5
>10000
0.27
0.23
.160
.150
-
0.06
0.125
0.08
-
0.045
.120-80
1
2
5850
5852
0.5 to 5.0
>7500
0.27
0.26
.160
.150
-
0.06
0.125
0.08
-
0.045
.120-80
1
2
5702
0.6 to 6.0
>10000
0.27
0.21
.235
.215
-
0.06
0.08
0.06
.190-64
2
5752
0.8 to 10.0
>7500
0.27
0.23
.235
.215
-
0.06
0.08
0.06
.190-64
2
Dimensions (inches)
Part
Number
Cap Range
(pF)
Min. Q @
100 MHz
Dimensions
Fig.
A
B
C
D
E
F
G
(UNS-2A)
5200
5202
0.8 to 10.0
>5000
0.30
0.29
0.21
.295
.275
0.35
-
0.08
-
0.06
-
0.09
.234-64
3
4
5302
1.0 to 10.0
>2000
0.42
0.30
.375
.355
-
0.11
0.09
0.125
.312-64
4
5400
5402
1.0 to 14.0
>3000
0.30
0.29
0.21
.295
.275
0.35
-
0.08
-
0.06
-
0.09
.234-64
3
4
5500
5502
1.0 to 20.0
>1500
0.49
0.25
.295
.275
0.35
-
0.08
-
0.06
-
0.09
.234-64
3
4
5600
5602
1.0 to 30.0
>800
0.68
0.25
.295
.275
0.35
-
0.08
-
0.06
-
0.09
.234-64
3
4
Dimensions (inches)
Figure 1
Figure 2
Figure 3
Figure 4
Air Trimmers
Note: All Air Trimmers are available with or without hardware.
Hardware may be purchased separateley.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com