Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 50 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 50 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 46Page - Knowles Electronics 5500 Datasheet HTML 47Page - Knowles Electronics 5500 Datasheet HTML 48Page - Knowles Electronics 5500 Datasheet HTML 49Page - Knowles Electronics 5500 Datasheet HTML 50Page - Knowles Electronics 5500 Datasheet HTML 51Page - Knowles Electronics 5500 Datasheet HTML 52Page - Knowles Electronics 5500 Datasheet HTML 53Page - Knowles Electronics 5500 Datasheet HTML 54Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
www.knowlescapacitors.com
48
Tuning Rotors
Metallic
Part
Number
Dimensions
Mounting
Fig.
A
B
C
D
THD.
(UNS-2A)
Tap
P/N
ROD
Mat’l
Slot
L6316-1
1
0.165
0.075
0.072
0.018
0.120 to 80
7060
BRASS
0.015 W
x 0.090
L6316-2
2
0.223
0.155
-
0.020
L6994-2
0.175
0.090
-
0.086 to 56
7054
0.015 W
x 0.060
L6995-0
1
0.122
0.030
0.072
0.094 to 80
7064
L6995-1
0.167
0.075
L6995-2
0.240
0.148
L6995-22
0.217
0.125
0.020 W
x 0.120
L6996-1
0.250
0.148
0.125
0.010
0.156 to 64
7059
L6996-5
0.295
0.193
L6996-6
0.180
0.078
L6997-0
0.554
0.450
0.160
0.190 to 64
7061
0.020W
x 0.145
L6997-2
0.360
0.256
L6997-17
0.146
0.042
LC Type
Part
Number
Dimensions
Mounting
Fig.
A
B
C
D
THD.
(UNS-2A)
Tap
P/N
ROD
Mat’l
Slot
6930-3
3
0.475
0.345
0.152
0.010
0.190 to 64
7061
ALUMINA
0.020 W
x 0.145
6930-5
0.625
0.495
6930-7
0.884
0.750
6930-17
0.674
0.490
0.061
0.020
6930-20
0.850
0.716
0.152
0.010
6930-21
0.379
0.195
0.061
0.020
C
(Dia.)
SLOT
D
A
B
THREAD
SLOT
D
A
B
THREAD
C
(Dia.)
SLOT
D
A
B
THREAD
ROD
Fig. 1
Fig. 2
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com