Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 12 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 12 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 8Page - Knowles Electronics 5500 Datasheet HTML 9Page - Knowles Electronics 5500 Datasheet HTML 10Page - Knowles Electronics 5500 Datasheet HTML 11Page - Knowles Electronics 5500 Datasheet HTML 12Page - Knowles Electronics 5500 Datasheet HTML 13Page - Knowles Electronics 5500 Datasheet HTML 14Page - Knowles Electronics 5500 Datasheet HTML 15Page - Knowles Electronics 5500 Datasheet HTML 16Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
www.knowlescapacitors.com
10
9610
Series
9810 RoHS
Series
Housing Size
9610
Capacitance
9810 RoHS
Capacitance
Tuning
Resolution
Min. Q @
100 MHz
Drawing
Figure
9610
9810
0.270” (6.86mm)
1 to 4.5pF
1 to 4.5pF
180°
>1000
A
9610-SL
9810-SL
0.270” (6.86mm)
180°
B
9611
9811
0.270” (6.86mm)
2.5 to 10pF
2.5 to 10pF
180°
>1000
A
9611-SL
9811-SL
0.270” (6.86mm)
180°
B
9612
9812
0.270” (6.86mm)
4 to 18pF
4 to 18pF
180°
>700
A
9612-SL
9812-SL
0.270” (6.86mm)
180°
B
9613
9813
0.270” (6.86mm)
6 to 35pF
6 to 35pF
180°
>200
A
9613-SL
9813-SL
0.270” (6.86mm)
180°
B
9614
9814
0.270” (6.86mm)
7 to 40pF
7 to 40pF
180°
>200
A
9614-SL
9814-SL
0.270” (6.86mm)
180°
B
9615
9815
0.270” (6.86mm)
5 to 25pF
5 to 25pF
180°
>200
A
9615-SL
9815-SL
0.270” (6.86mm)
180°
B
9616
9816
0.270” (6.86mm)
8 to 50pF
10.5 to 50pF
180°
>200
A
9616-SL
9816-SL
0.270” (6.86mm)
180°
B
The Seal-Trim® is a high performance Thin-Trim® trimmer ceramic
capacitor encapsulated in a polymer housing. This design resists
intrusion of dirt, dust, solder flux and cleaning agents during
assembly and atmospheric contamination during use. These
capacitors offer low drift rates and high Q, making them ideal for
higher frequency applications beyond the limits of ordinary ceramic
trimmer capacitors. The incorporation of the Johanson square
drive tuning mechanism insures captive non-slip, tamper-proof
adjustments which are not subject to backlash problems associated
with screwdriver type adjustment slots.
Characteristics
Rated voltages:
250 VDC (test voltage 500 VDC) for 9610, 9620, 9810 & 9820
400 VDC (test voltage 800 VDC) for 9694
Insulation resistance: >104 MΩ
Operating temperature range: -55ºC to +125ºC
Torque: 0.2 to 2.0 for 9610, 9694
0.05 to 1.0 for 9620
Vibration: 15g, 10-2000 Hz, MIL-STD-202, Method 204
Shock: 100g, 6 milliseconds, MIL-STD-202, Method 21
Setting drift: <1%; <2% for 9616, 9694
Moisture resistance: MIL-STD-202, Method 106
Resistant to soldering heat: MIL-STD-202, Method 210, Test C
Solderability: MIL-STD-202, Method 208
.030 (.762)
JMC 4193
JMC Drive Tuning Tool 4193 for 9610, 9620, 9810 & 9820 Series
Dimensions: inches (mm)
9610-SL
60º
.040 ±.002
(1.02 ±.051)
.270 ±.010
(6.86 ±.254)
.030 (.762)
SQUARE DRIVE
TUNING
ROTOR
R
.005 ±.001
(1.27 ±.025)
.110 (2.79)
.260
(6.60)
.260
(6.60)
Figure B
Dimensions: inches (mm)
9610
.030 (.762)
SQUARE DRIVE
TUNING
.270 ±.010
(6.86 ±.254)
.100 ±.015
(2.54 ±.381)
.040 ±.002
(1.02 ±.051)
.005 ±.015
(3.81 ±.381)
.220 (5.59)
60º
.150 ±.015
(3.81 ±.381)
ROTOR
R
Figure A
Resistant to cleaning solvents: MIL-STD-202, Method 215
RoHS compliant Series
Seal-Trim® Trimmers - 9610 & 9810 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com