Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 52 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 52 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 48Page - Knowles Electronics 5500 Datasheet HTML 49Page - Knowles Electronics 5500 Datasheet HTML 50Page - Knowles Electronics 5500 Datasheet HTML 51Page - Knowles Electronics 5500 Datasheet HTML 52Page - Knowles Electronics 5500 Datasheet HTML 53Page - Knowles Electronics 5500 Datasheet HTML 54Page - Knowles Electronics 5500 Datasheet HTML 55Page - Knowles Electronics 5500 Datasheet HTML 56Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
www.knowlescapacitors.com
50
a Knowles Precision Devices brand
TM
MLC capacitors with silver/palladium (Ag/Pd) terminations have often
been used in medical applications where non-magnetic components
are required, for example in MRI equipment - however, conventional
nickel barrier terminations are not suitable due to their magnetic
properties. In addition, RoHS requirement to use lead-free solders
would cause an increase in soldering temperatures and cause
solder leaching problems for the Ag/Pd termination. This has meant
alternatives have had to be found and one solution is to use a
copper barrier instead of a nickel barrier, with a tin finish on top.
This non-magnetic termination is offered with selected non-magnetic
C0G/NP0 (1B), High Q and X7R (2R1) dielectrics, providing a fully
non-magnetic component (µr = 1.0000).
To meet high temperature 260ºC soldering reflow profiles as
detailed in J-STD-020, C0G/NP0 (1B) dielectrics are supplied with
FlexiCap™ or sintered termination whilst X7R (2R1) dielectrics are
supplied only with the FlexiCap™ termination.
Available in chip or ribbon leaded format for certain case sizes
(please consult Sales Office).
Non-Magnetic Caps - C0G/NP0 (1B), High Q, X7R (2R1)
C0G/NP0 (1B), High Q - High Power RF capacitors - minimum/maximum capacitance values
A range of ultra-low loss High Q
ceramic capacitors with C0G/NP0
(1B) characteristics suitable for high
power applications where minimal
power loss and very low self heating
is demanded.
Common applications include MRI
body coils and wireless charging
systems operating in the kHz and
MHz frequencies.
Available in chip or ribbon leaded
format.
Chip size
Case size 11 - 1111
Case size 25 - 2225
Case size 40 - 4040
Min.
Max.
Min.
Max.
Min.
Max.
100V
1.8nF
2.2nF
150V
1.2nF
1.5nF
200V
5.7nF
10nF
6.2nF
10nF
16nF
27nF
250V
820pF
1.0nF
500V
470pF
680pF
5.1nF
5.6nF
13nF
15nF
630V
270pF
390pF
3.6nF
4.7nF
11nF
12nF
1kV
82pF
220pF
1.1nF
3.3nF
5.6nF
10nF
2kV
0.3pF
68pF
510pF
1.0nF
1.6nF
5.1nF
3kV
110pF
470pF
910pF
1.5nF
3.6kV
1pF
47*/100pF
-
-
4kV
620pF
820pF
5kV
-
-
360pF
560pF
6kV
-
-
160pF
330pF
7.0/7.2kV
1pF
56**/150pF
*47pF max. for dual rated
@2.5kVac 30MHz
**56pF max. for dual rated
@5kVac 30MHz.
C0G/NP0 (1B), High Q - minimum/maximum capacitance values
Chip Size
0402
0603
0505
0805
1206
1210
1808
1812
2220
Min Cap
0.1pF
0.1pF
0.2pF
0.2pF
0.5pF
0.3pF
1.0pF
1.0pF
2.0pF
50V 63V
22pF
100pF
220pF
470pF
1.5nF
-
-
-
-
100V
15pF
68pF
150pF
330pF
1.0nF
2.2nF
2.2nF
4.7nF
10nF
150V
10pF
47pF
100pF
220pF
680pF
1.5nF
1.5nF
3.3nF
6.8nF
200V250V
6.8pF
33pF
56pF
150pF
470pF
1.0nF
1.0nF
2.2nF
4.7nF
300V
-
27pF
47pF
120pF
390pF
820pF
820pF
1.8nF
3.9nF
500V
-
-
-
68pF
270pF
680pF
680pF
1.5nF
3.3nF
630V
-
-
-
-
150pF
390pF
390pF
1.0nF
2.2nF
1000V
-
-
-
-
82pF
220pF
220pF
680pF
1.5nF
2000V
-
-
-
-
18pF
68pF
68pF
150pF
470pF
3000V
-
-
-
-
-
-
-
68pF
150pF
Min Capacitance Tolerance
±0.05pF (<4.7pF)
0.1pF (>4.7pF & <10pF)
±1% (>10pF)
X7R (2R1) - minimum/maximum capacitance values
Chip Size
0402
0603
0805
1206
1210
1808
1812
2220
Min Cap
47pF
100pF
330pF
680pF
1.5nF
2.2nF
3.3nF
6.8nF
16V
10nF
100nF
330nF
1.0µF
1.5µF
1.5µF
3.3µF
5.6µF
25V
6.8nF
68nF
220nF
820nF
1.2µF
1.2µF
2.2µF
4.7µF
50V 63V
4.7nF
47nF
150nF
470nF
1.0µF
680nF
1.5µF
3.3µF
100V
1.5nF
10nF
47nF
150nF
470nF
330nF
1.0µF
1.5µF
200V250V
680pF
5.6nF
27nF
100nF
220nF
180nF
470nF
1.0µF
500V
-
1.5nF
8.2nF
33nF
100nF
100nF
270nF
560nF
630V
-
-
4.7nF
10nF
27nF
33nF
150nF
330nF
1000V
-
-
3.3nF
4.7nF
15nF
18nF
56nF
120nF
1200V
-
-
-
3.3nF
10nF
10nF
33nF
82nF
1500V
-
-
-
2.7nF
6.8nF
6.8nF
22nF
47nF
2000V
-
-
-
2.2nF
4.7nF
4.7nF
10nF
27nF
Min Capacitance Tolerance
±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com