Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 47 Page - Knowles Electronics

Part # 5500
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

5500 Datasheet(HTML) 47 Page - Knowles Electronics

Back Button 5500 Datasheet HTML 43Page - Knowles Electronics 5500 Datasheet HTML 44Page - Knowles Electronics 5500 Datasheet HTML 45Page - Knowles Electronics 5500 Datasheet HTML 46Page - Knowles Electronics 5500 Datasheet HTML 47Page - Knowles Electronics 5500 Datasheet HTML 48Page - Knowles Electronics 5500 Datasheet HTML 49Page - Knowles Electronics 5500 Datasheet HTML 50Page - Knowles Electronics 5500 Datasheet HTML 51Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
www.knowlescapacitors.com
45
Dielctric
Part
Number
Dimensions
Mounting
A
B
C
D
E
F
G
ROD MAT’L
THD.
(UNS-2A)
Torque
(oz. in)
Slot
6933-4
0.240
0.168
0.062
0.135
0.035
0.260
0.138
Sapphire
0.120 to 80
10
0.015W x
0.020DP
6933-5
0.130
0.035
0.222
0.100
6934-3
0.360
1.205
0.152
0.265
0.145
1.309
1.175
Alumina
0.234 to 64
50
0.031W x
0.025DP
6934-4
1.105
1.209
1.075
6934-5
0.905
1.009
0.875
6934-6
0.360
0.115
0.152
0.265
0.035
0.219
0.085
Sapphire
0.234 to 64
50
0.031W x
0.025DP
6935-10
0.265
0.145
0.369
0.235
6935-11
0.360
0.265
0.152
0.265
0.145
0.369
0.235
Alumina
0.234 to 64
50
0.031W x
0.025DP
6935-12
0.525
0.643
0.495
Resistive
Part
Number
Dimensions
Mounting
A
B
C
D
E
F
G
ROD MAT’L
THD.
(UNS-2A)
Torque
(oz. in)
Slot
6950-2
0.240
0.168
0.062
0.135
0.035
0.260
0.138
Eccosorb
0.120 to 80
10
0.015W x
0.020DP
6950-3
0.130
0.078
0.222
0.100
6952-1
0.360
0.250
0.152
0.265
0.145
0.034
0.220
0.234 to 64
50
0.031W x
0.025DP
6952-2
0.185
0.289
0.155
Dielectric Tuning Elements
Recommended Tuning Tool
Tuning
Element
Diameter
Johanson Part Number
Dielctric &
Resistive
Type
.130
8777
JMC 8777
Note: The use of a Johanson tuning tool is recommended, improper screw
driver size will cause internal thread damage.
C
(DIA.)
D
(DIA.)
MOUNTING
SLOT
MOUNTING
THREAD
TUNING SLOT
F
(REF.)
G
BUSHING
HEX. NUT
E
A
B
ROTOR
SCREW
ROD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com