Electronic Components Datasheet Search
  English  ▼

X  

USB3500 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 6Page - SMSC Corporation USB3500 Datasheet HTML 7Page - SMSC Corporation USB3500 Datasheet HTML 8Page - SMSC Corporation USB3500 Datasheet HTML 9Page - SMSC Corporation USB3500 Datasheet HTML 10Page - SMSC Corporation USB3500 Datasheet HTML 11Page - SMSC Corporation USB3500 Datasheet HTML 12Page - SMSC Corporation USB3500 Datasheet HTML 13Page - SMSC Corporation USB3500 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
Revision 1.0 (04-04-05)
10
SMSC USB3500
DATASHEET
Chapter 3 Pin Configuration and Pin Definitions
The USB3500 is offered in a 56 pin QFN package. The pin definitions and locations are documented
below.
3.1
USB3500 Pin Locations
The flag of the QFN package must be connected to ground with a via array.
Figure 3.1 USB3500 Pinout - Top View
SESSVLD
DATA[1]
DATA[0]
DATA[2]
DATA[3]
DATA[4]
DATA[5]
DATA[6]
DATA[7]
RXVALID
VSS
SESSEND
DISCHRGVBUS
HOSTDISC
VSS
DM
DP
VDD3.3
VSS
VDD3.3
RESET
TXVALID
SUSPENDN
ID
VBUS
TXREADY
TERMSEL
XCVRSEL0
10
11
12
13
14
42
41
29
30
31
32
34
35
36
37
38
39
40
33
1
2
3
4
5
6
7
8
9
USB3500
Hi-Speed USB
UTMI+ PHY
56 Pin QFN
GND FLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com